Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCF Datasheet(PDF) 1 Page - Alpha Wire

Part # JCF
Description  Mini 7/8??Female 쩍 NPT Mount Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

JCF Datasheet(HTML) 1 Page - Alpha Wire

  JCF Datasheet HTML 1Page - Alpha Wire JCF Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: JCF Series
Mini 7/8” Female ½ NPT Mount Receptacle
Drawing
Technical Data
Mechanical
Receptacle Style
Mini, Female
Applicable Specification
Receptacle Threads
External
Housing
Zinc, Black, Leads Epoxy Potted
Insert
Polyurethane
Contact
Copper Alloy, Gold Plated
Mounting Orientation
1/2” 14-NPT
Panel Nut
Zinc Plated Steel
O-Ring
FKM
Electrical
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
8 A
Rated Voltage
600 V
UL File
E485156
Lead Wires
AWG
16 AWG (26/30) Tinned Copper
Insulation
PVC
Color Code
US
Outside Diameter
0.121” Nominal
Lead Length
0.5 Meters (19.7”)
UL Style
AWM 1015 & 1230 and MTW
CSA Style
TEW
Environmental


Similar Part No. - JCF

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCF1024S05 XPPOWER-JCF1024S05 Datasheet
175Kb / 2P
DC-DC Power Supplies
JCF1024S12 XPPOWER-JCF1024S12 Datasheet
175Kb / 2P
DC-DC Power Supplies
JCF1024S2V5 XPPOWER-JCF1024S2V5 Datasheet
175Kb / 2P
DC-DC Power Supplies
JCF1024S3V3 XPPOWER-JCF1024S3V3 Datasheet
175Kb / 2P
DC-DC Power Supplies
JCF1048S05 XPPOWER-JCF1048S05 Datasheet
175Kb / 2P
DC-DC Power Supplies
More results

Similar Description - JCF

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
ACN ALPHAWIRE-ACN Datasheet
185Kb / 2P
M12-A Female 쩍 NPT Mount Receptacle
DCN ALPHAWIRE-DCN Datasheet
184Kb / 2P
M12-A Male 쩍 NPT Mount Receptacle
KCF ALPHAWIRE-KCF Datasheet
193Kb / 2P
Mini 7/8??Female 쩍 NPT Mount Receptacle
KR0300113 ALPHAWIRE-KR0300113 Datasheet
132Kb / 2P
Mini Female 7/8?
KR0400108 ALPHAWIRE-KR0400108 Datasheet
133Kb / 2P
Mini Female 7/8?
KR0500109 ALPHAWIRE-KR0500109 Datasheet
132Kb / 2P
Mini Female 7/8?
KR0500115 ALPHAWIRE-KR0500115 Datasheet
134Kb / 2P
Mini Female 7/8?
LCF3 ALPHAWIRE-LCF3 Datasheet
192Kb / 2P
Mini 7/8??Male 쩍 NPT Mount Receptacle
LCF6 ALPHAWIRE-LCF6 Datasheet
194Kb / 2P
Mini 7/8??Male 쩍 NPT Mount Receptacle
LR05KR109 ALPHAWIRE-LR05KR109 Datasheet
150Kb / 2P
Mini Male 7/8??to Mini Female 7/8?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com