Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1117V30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD1117V30
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117V30 Datasheet(HTML) 1 Page - STMicroelectronics

  LD1117V30 Datasheet HTML 1Page - STMicroelectronics LD1117V30 Datasheet HTML 2Page - STMicroelectronics LD1117V30 Datasheet HTML 3Page - STMicroelectronics LD1117V30 Datasheet HTML 4Page - STMicroelectronics LD1117V30 Datasheet HTML 5Page - STMicroelectronics LD1117V30 Datasheet HTML 6Page - STMicroelectronics LD1117V30 Datasheet HTML 7Page - STMicroelectronics LD1117V30 Datasheet HTML 8Page - STMicroelectronics LD1117V30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
December 2006
Rev. 20
1/38
38
LD1117 series
Low drop fixed and adjustable positive voltage regulators
Feature summary
■ Low dropout voltage (1V TYP.)
■ 2.85V Device performances are suitable for
SCSI-2 active termination
■ Output current up to 800 mA
■ Fixed output voltage of: 1.2V, 1.8V, 2.5V,
2.85V, 3.0V, 3.3V, 5.0V
■ Adjustable version availability (Vrel=1.25V)
■ Internal current and thermal limit
■ Available in ± 1% (at 25°C) and 2% in full
temperature range
■ Supply voltage rejection: 75dB (typ.)
Description
The LD1117 is a LOW DROP Voltage Regulator
able to provide up to 800mA of Output Current,
available even in adjustable version (Vref=1.25V).
Concerning fixed versions, are offered the
following Output Voltages: 1.2V,1.8V,2.5V,2.85V,
3.0V 3.3V and 5.0V. The 2.85V type is ideal for
SCSI-2 lines active termination. The device is
supplied in: SOT-223, DPAK, SO-8 and TO-220.
The SOT-223 and DPAK surface mount packages
optimize the thermal characteristics even offering
a relevant space saving effect. High efficiency is
assured by NPN pass transistor. In fact in this
case, unlike than PNP one, the Quiescent Current
flows mostly into the load. Only a very common
10µF minimum capacitor is needed for stability.
On chip trimming allows the regulator to reach a
very tight output voltage tolerance, within ± 1% at
25°C. The ADJUSTABLE LD1117 is pin to pin
compatible with the other standard. Adjustable
voltage
regulators
maintaining
the
better
performances in terms of Drop and Tolerance.
DPAK
SO-8
TO-220
SOT-223
www.st.com
Block diagram


Similar Part No. - LD1117V30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
More results

Similar Description - LD1117V30

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLD1117A UTC-UTCLD1117A Datasheet
148Kb / 12P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Wuxi Youda electronics ...
YD1117 YOUDA-YD1117 Datasheet
84Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD1117 UTC-LD1117_05 Datasheet
344Kb / 12P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117E UTC-LD1117E Datasheet
406Kb / 13P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2117A UTC-LD2117A Datasheet
364Kb / 11P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
UR233 UTC-UR233_11 Datasheet
293Kb / 10P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2127 UTC-LD2127 Datasheet
210Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR233 ETL-UR233 Datasheet
323Kb / 10P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117_A ETL-LD1117_A Datasheet
663Kb / 15P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117ADT33 STMICROELECTRONICS-LD1117ADT33 Datasheet
730Kb / 24P
Low drop fixed and adjustable positive voltage regulators
24-Jul-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com