Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCF3 Datasheet(PDF) 1 Page - Alpha Wire

Part # LCF3
Description  Mini 7/8??Male 쩍 NPT Mount Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

LCF3 Datasheet(HTML) 1 Page - Alpha Wire

  LCF3 Datasheet HTML 1Page - Alpha Wire LCF3 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: LCF3 Series IEC Color Code
Mini 7/8” Male ½ NPT Mount Receptacle
Drawing
Technical Data
Mechanical
Receptacle Style
Mini, Male
Receptacle Threads
External
Housing
Zinc, Leads Epoxy Potted
Insert
Polyurethane
Contact
Copper Alloy, Gold Plated
Mounting Orientation
Front
Panel Nut
Zinc Plated Steel
O-Ring
FKM
Electrical
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
8 A (3 Pole) 5.6 A (4 and 5 Pole)
Rated Voltage
300 V
UL File
E485156
Lead Wires
AWG
18 AWG (16/30) Tinned Copper
Color Code
IEC
Insulation
PVC
Outside Diameter
0.080” Nominal
Lead Length
See Ordering Information
UL Style
AWM 1007 & 1569
CSA Style
TR64
Environmental
Degree of Protection
IP 68/ NEMA 6P


Similar Part No. - LCF3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LCF300806A750TG LITTELFUSE-LCF300806A750TG Datasheet
5Mb / 18P
LCF Series covers the specification of the engineering requirements for both Common Mode Noise Filter (CMF) for high speed differential serial interfaces
More results

Similar Description - LCF3

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
ACN ALPHAWIRE-ACN Datasheet
185Kb / 2P
M12-A Female 쩍 NPT Mount Receptacle
DCN ALPHAWIRE-DCN Datasheet
184Kb / 2P
M12-A Male 쩍 NPT Mount Receptacle
JCF ALPHAWIRE-JCF Datasheet
206Kb / 2P
Mini 7/8??Female 쩍 NPT Mount Receptacle
KCF ALPHAWIRE-KCF Datasheet
193Kb / 2P
Mini 7/8??Female 쩍 NPT Mount Receptacle
LCF6 ALPHAWIRE-LCF6 Datasheet
194Kb / 2P
Mini 7/8??Male 쩍 NPT Mount Receptacle
LR04KR108 ALPHAWIRE-LR04KR108 Datasheet
151Kb / 2P
Mini Male 7/8??to Mini Female 7/8?
LR0300107 ALPHAWIRE-LR0300107 Datasheet
131Kb / 2P
Mini Male 7/8?
LR0300113 ALPHAWIRE-LR0300113 Datasheet
131Kb / 2P
Mini Male 7/8?
LR0400108 ALPHAWIRE-LR0400108 Datasheet
132Kb / 2P
Mini Male 7/8?
LR0500109 ALPHAWIRE-LR0500109 Datasheet
131Kb / 2P
Mini Male 7/8?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com