Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D22012B Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # D22012B
Description  General Specifications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

D22012B Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  D22012B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. D22012B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. D22012B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. D22012B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. D22012B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. D22012B Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. D22012B Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. D22012B Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. D22012B Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Series D2
PCB Mount Miniature Toggles
A25
A
www.nkkswitches.com
Distinctive Characteristics
Base of heat resistant resin meets UL94V-0 flammability rating.
Maximized voltage capability of 48V allows use in medium source
applications and increases operating life.
Award-winning STC contact mechanism with benefits unavailable
in conventional mechanisms: smoother positive detent actuation,
increased contact stability, and unparalleled reliability.
(Additional STC details under Terms and Acronyms in
the Supplement section.)
Round .031” (0.8mm) diameter PC terminals for easy
PCB assembly.
Terminal spacing conforms to standard .100” (2.54mm)
PC board grid spacing.
Molded-in terminals prevent entry of flux, solvents, and
other contaminants.
Actual Size



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com