Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF30H90CT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBRF30H90CT
Description  High-Voltage Dual Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF30H90CT Datasheet(HTML) 2 Page - Vishay Siliconix

  MBRF30H90CT Datasheet HTML 1Page - Vishay Siliconix MBRF30H90CT Datasheet HTML 2Page - Vishay Siliconix MBRF30H90CT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR30H100CT, MBRF30H100CT & MBRB30H100CT Series
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88791
2
11-Jul-03
Maximum Ratings (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR30H90CT
MBR30H100CT
Unit
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Working peak reverse voltage
VRWM
90
100
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current Total device
30
(see fig. 1)
Per leg
IF(AV)
15
A
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
275
A
on rated load (JEDEC Method) per leg
Peak repetitive reverse current per leg at tp = 2
µs, 1KHZ
IRRM
1.0
A
Voltage rate of change (rated VR)
dv/dt
10,000
V/
µs
Operating junction and storage temperature range
TJ, TSTG
–65 to +175
°C
RMS Isolation voltage (MBRF type only) from terminals
4500 (1)
to heatsink with t = 1 second, RH
≤ 30%
VISOL
3500 (2)
V
1500 (3)
Electrical Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
at IF = 15A, TJ = 25°C
0.82
Maximum instantaneous
at IF = 15A, TJ = 125°C
VF
0.67
V
forward voltage per leg(4)
at IF = 30A, TJ = 25°C
0.93
at IF = 30A, TJ = 125°C
0.80
Maximum reverse current per leg
TJ = 25°C
5.0
µA
at working peak reverse voltage(4)
TJ = 125°C
IR
6.0
mA
Thermal Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR
MBRF
MBRB
Unit
Typical thermal resistance per leg
R
θJC
1.9
4.6
1.9
O
C/W
Notes:
(1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(2) Clip mounting (on case), where leads do overlap heatsink
(3) Screw mounting with 4-40 screw, where washer diameter is
≤ 4.9 mm (0.19”)
(4) Pulse test: 300
µs pulse width, 1% duty cycle
Ordering Information
Product
Case
Package Code
Package Option
MBR30H90CT - MBR30H100CT
TO-220AB
45
Anti-Static tube, 50/tube, 2K/carton
MBRF30H90CT - MBRF30H100CT
ITO-220AB
45
Anti-Static tube, 50/tube, 2K/carton
31
13” reel, 800/reel, 4.8K/carton
MBRB30H90CT - MBRB30H100CT
TO-263AB
45
Anti-Static tube, 50/tube, 2K/carton
81
Anti-Static 13” reel, 800/reel, 4.8K/carton



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com