Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCF6 Datasheet(PDF) 1 Page - Alpha Wire

Part # LCF6
Description  Mini 7/8??Male 쩍 NPT Mount Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

LCF6 Datasheet(HTML) 1 Page - Alpha Wire

  LCF6 Datasheet HTML 1Page - Alpha Wire LCF6 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: LCF6 Series US Color Code
Mini 7/8” Male ½ NPT Mount Receptacle
Drawing
Technical Data
Mechanical
Receptacle Style
Mini, Male
Receptacle Threads
External
Housing
Zinc, Leads Epoxy Potted
Insert
Polyurethane
Contact
Copper Alloy, Gold Plated
Mounting Orientation
Front
Panel Nut
Zinc Plated Steel
O-Ring
FKM
Electrical
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
8 A
Rated Voltage
600 V
UL File
E485156
Lead Wires
AWG
16 AWG (26/30) Tinned Copper
Color Code
US
Insulation
PVC
Outside Diameter
0.121” Nominal
Lead Length
See Ordering Information
UL Style
AWM 1015 & 1230 and MTW
CSA Style
TEW
Environmental
Degree of Protection
IP 68/ NEMA 6P


Similar Part No. - LCF6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LCF LITTELFUSE-LCF Datasheet
5Mb / 18P
LCF Series covers the specification of the engineering requirements for both Common Mode Noise Filter (CMF) for high speed differential serial interfaces
logo
M-System Co.,Ltd.
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
logo
Vishay Siliconix
LCF-102PTIFGDBN0H VISHAY-LCF-102PTIFGDBN0H Datasheet
148Kb / 14P
10.2" Color TFT Display
30-Jun-17
LCF-102PTIFGDBN0H VISHAY-LCF-102PTIFGDBN0H Datasheet
149Kb / 14P
10.2" Color TFT Display
30-Jun-17
LCF-102PTIFGDBN0H VISHAY-LCF-102PTIFGDBN0H_V01 Datasheet
149Kb / 14P
10.2" Color TFT Display
30-Jun-17
More results

Similar Description - LCF6

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
ACN ALPHAWIRE-ACN Datasheet
185Kb / 2P
M12-A Female 쩍 NPT Mount Receptacle
DCN ALPHAWIRE-DCN Datasheet
184Kb / 2P
M12-A Male 쩍 NPT Mount Receptacle
JCF ALPHAWIRE-JCF Datasheet
206Kb / 2P
Mini 7/8??Female 쩍 NPT Mount Receptacle
KCF ALPHAWIRE-KCF Datasheet
193Kb / 2P
Mini 7/8??Female 쩍 NPT Mount Receptacle
LCF3 ALPHAWIRE-LCF3 Datasheet
192Kb / 2P
Mini 7/8??Male 쩍 NPT Mount Receptacle
LR04KR108 ALPHAWIRE-LR04KR108 Datasheet
151Kb / 2P
Mini Male 7/8??to Mini Female 7/8?
LR0300107 ALPHAWIRE-LR0300107 Datasheet
131Kb / 2P
Mini Male 7/8?
LR0300113 ALPHAWIRE-LR0300113 Datasheet
131Kb / 2P
Mini Male 7/8?
LR0400108 ALPHAWIRE-LR0400108 Datasheet
132Kb / 2P
Mini Male 7/8?
LR0500109 ALPHAWIRE-LR0500109 Datasheet
131Kb / 2P
Mini Male 7/8?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com