Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M44276F Datasheet(PDF) 1 Page - Alpha Wire

Part # M44276F
Description  This product complies with European Directive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M44276F Datasheet(HTML) 1 Page - Alpha Wire

  M44276F Datasheet HTML 1Page - Alpha Wire M44276F Datasheet HTML 2Page - Alpha Wire M44276F Datasheet HTML 3Page - Alpha Wire M44276F Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Customer Specification
PART NO. M44276F
Construction
Diameters (In)
1) Component 1
1 X 1 COAX
a) Conductor
22 (SOLID) AWG BCW
0.025
b) Insulation
0.060" Wall, Nom. Foam FEP Teflon
0.146
(1) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
NATURAL
2) Shield
BC BRAID Shield,94% Coverage, Min.
3) Jacket
0.015" Wall, Nom.,PVC, Plenum Rated
0.204+/- 0.007
a) Color(s)
WHITE
b) Print
ALPHA WIRE-* P/N M44276F
RG-62A/U TYPE 75C 22 AWG EXXXXX CMP (UL) C(UL)
CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
Applicable Specifications
1) UL
CMP
75°C
2) CSA International
C(UL) TYPE CMP
75°C
3) Military
MIL-C-17/ RG 62/U TYPE
4) CE:
EU Low Voltage Directive 2006/95/EC
Environmental
1) CE: EU Directive 2011/65/EU(RoHS2):
This product complies with European Directive 2011/65/EU (RoHS Directive) of the European
Parliament and of the Council of 8 June 2011. No Exemptions are required for RoHS
Compliance on this item. Consult Alpha Wire's web site for RoHS C of C.
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC) listed on the European
Union's REACH candidate list in excess of 0.1% mass of the item. For up-to-date information,
please see Alpha's REACH SVHC Declaration.
3) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the requirements of
California Proposition 65.
Properties


Similar Part No. - M44276F

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
M44276 ALPHAWIRE-M44276 Datasheet
187Kb / 4P
This product complies with European Directive
More results

Similar Description - M44276F

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
XRCGB24M000F3N00R0 MURATA-XRCGB24M000F3N00R0 Datasheet
182Kb / 3P
the series complies to rohs directive
XRCGB24M576F0L00R0 MURATA-XRCGB24M576F0L00R0 Datasheet
185Kb / 3P
the series complies to rohs directive
XRCGB24M576F3G00R0 MURATA-XRCGB24M576F3G00R0 Datasheet
184Kb / 3P
the series complies to rohs directive
XRCGB24M576F3N00R0 MURATA-XRCGB24M576F3N00R0 Datasheet
183Kb / 3P
the series complies to rohs directive
XRCGB25M000F2P00R0 MURATA-XRCGB25M000F2P00R0 Datasheet
184Kb / 3P
the series complies to rohs directive
XRCGB26M000F3N00R0 MURATA-XRCGB26M000F3N00R0 Datasheet
184Kb / 3P
the series complies to rohs directive
XRCGB31M250F3M00R0 MURATA-XRCGB31M250F3M00R0 Datasheet
185Kb / 3P
the series complies to rohs directive
XRCGB31M250F3N00R0 MURATA-XRCGB31M250F3N00R0 Datasheet
184Kb / 3P
the series complies to rohs directive
XRCGB32M000F0Z00R0 MURATA-XRCGB32M000F0Z00R0 Datasheet
185Kb / 3P
the series complies to rohs directive
logo
Alpha Wire
M44276 ALPHAWIRE-M44276 Datasheet
187Kb / 4P
This product complies with European Directive
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com