Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR03KW113 Datasheet(PDF) 2 Page - Alpha Wire

Part # PR03KW113
Description  Mini Male 7/8??Internal Thread to Mini Female 90 Degree
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PR03KW113 Datasheet(HTML) 2 Page - Alpha Wire

  PR03KW113 Datasheet HTML 1Page - Alpha Wire PR03KW113 Datasheet HTML 2Page - Alpha Wire PR03KW113 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
2
Customer Specification
PART NO: PR03KW113
Mini Male 7/8” Internal Thread to Mini Female 90 Degree
Coupling Nut
Aluminum, anodized black
Available Lengths
0.6, 1, 3, 5, 10, 15, 20 Meters
Applicable Specifications-
Cable
UL
TC-ER
SUN RES
OIL RES I/II
AWM/STYLE 20327
90°C Dry/75°C Wet
600 VRMS
CSA International
C(UL) CIC Control/TC
FT4
90°C Dry/75°C Wet
600 VRMS
Applicable Specifications-
Cord Set
UL
ANSI/UL 2238, Cable Assembly Extension
RU, UL File Number E485156
CSA
CSA-C22.2 No. 182.3, Special Use
Attachment Plugs, Receptacles and
Connectors
cRU, UL File Number E485156
Ingress Protection
IP67
Environmental Compliance
CE
All materials used in the manufacture of
this part meet the requirements of
European Directive 2011/65/EU regarding
the restriction of use of certain hazardous
substances in electrical and electronic
equipment. Exemption used; 6a.
REACH Regulation (EC
1907/2006)
This product does not contain Substances
of Very High Concern (SVHC) listed on the
European Union’s REACH candidate list in
excess of 0.1% mass of the item.
Physical & Mechanical
Properties
Temperature Range, Cord
-30 to 90°C(static), -15 to 90°C (dynamic)
Bend Radius
7X Cable Diameter (static), 10X Cable
Diameter (dynamic)
Pull Tension
61 Lbs, Maximum
Current Rating
9.1 Amps @ 50°C
Ordering Information
PR03KW113 YL355
0.6 Meters
PR03KW113 YL356
1.0 Meters
PR03KW113 YL357
3.0 Meters
PR03KW113 YL358
5.0 Meters
PR03KW113 YL359
10.0 Meters
PR03KW113 YL400
15.0 Meters
PR03KW113 YL401
20.0 Meters
Standard Package
Each



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com