Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XFR21 Datasheet(PDF) 1 Page - Alpha Wire

Part # XFR21
Description  All materials used in the manufacture of this part are in compliance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

XFR21 Datasheet(HTML) 1 Page - Alpha Wire

  XFR21 Datasheet HTML 1Page - Alpha Wire XFR21 Datasheet HTML 2Page - Alpha Wire XFR21 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Customer Specification
PART NO. XFR21/2
Construction
1) Tubing Type
Expandable Sleeving
2) Tubing Material
Flame Retardant Braided PET
3) Minimum Supplied ID(In)
2.000
4) Maximum Expanded ID (In)
3.500
5) Nominal Wall Thickness +/- 0.005(In)
0.025
6) Number of Carriers
144
7) Number of Yarns
5
8) Total Number of Monofilaments
720
9) Color(s)
BLACK, WHITE
Applicable Specifications
1) UL
VW-1
Standard 224
125°C
2) CSA International
5836 01
125°C
Environmental
1) EU Directive 2011/65/EU(RoHS2):
All materials used in the manufacture of this part are in compliance with European Directive
2011/65/EU regarding the restriction of use of certain hazardous substances in electrical and
electronic equipment. Consult Alpha Wire's web site for RoHS C of C.
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC) listed on the European
Union's REACH candidate list in excess of 0.1% mass of the item. For up-to-date information,
please see Alpha's REACH SVHC Declaration.
3) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the requirements of
California Proposition 65.
Properties


Similar Part No. - XFR21

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFRCH108-330K XFMRS-XFRCH108-330K Datasheet
36Kb / 1P
POWER INDUCTOR
XFRCH108-562K XFMRS-XFRCH108-562K Datasheet
35Kb / 1P
POWER INDUCTOR
XFRCH1315-681K XFMRS-XFRCH1315-681K Datasheet
48Kb / 1P
Radial Leaded Inaductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
Power Inductor
More results

Similar Description - XFR21

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-105-MS-1 ALPHAWIRE-FIT-105-MS-1 Datasheet
185Kb / 3P
All materials used in the manufacture of this part are in compliance
FIT-221-MS-1 ALPHAWIRE-FIT-221-MS-1 Datasheet
185Kb / 3P
All materials used in the manufacture of this part are in compliance
FIT-221-MS-2 ALPHAWIRE-FIT-221-MS-2 Datasheet
226Kb / 3P
All materials used in the manufacture of this part are in compliance
FIT-321-MS-1 ALPHAWIRE-FIT-321-MS-1 Datasheet
185Kb / 3P
All materials used in the manufacture of this part are in compliance
FIT-KIT-221BK ALPHAWIRE-FIT-KIT-221BK Datasheet
185Kb / 3P
All materials used in the manufacture of this part are in compliance
297 ALPHAWIRE-297 Datasheet
107Kb / 2P
All materials used in the manufacture of this part are in compliance
XHD1IN ALPHAWIRE-XHD1IN Datasheet
184Kb / 3P
All materials used in the manufacture of this part are in compliance
XHD2IN ALPHAWIRE-XHD2IN Datasheet
184Kb / 3P
All materials used in the manufacture of this part are in compliance
XHD3 ALPHAWIRE-XHD3 Datasheet
184Kb / 3P
All materials used in the manufacture of this part are in compliance
XHD5 ALPHAWIRE-XHD5 Datasheet
184Kb / 3P
All materials used in the manufacture of this part are in compliance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com