Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFB0912MB Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # AFB0912MB
Description  THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AFB0912MB Datasheet(HTML) 7 Page - Delta Electronics, Inc.

  AFB0912MB Datasheet HTML 1Page - Delta Electronics, Inc. AFB0912MB Datasheet HTML 2Page - Delta Electronics, Inc. AFB0912MB Datasheet HTML 3Page - Delta Electronics, Inc. AFB0912MB Datasheet HTML 4Page - Delta Electronics, Inc. AFB0912MB Datasheet HTML 5Page - Delta Electronics, Inc. AFB0912MB Datasheet HTML 6Page - Delta Electronics, Inc. AFB0912MB Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Descriptions:
1. Delta will not guarantee the performance of the products if the application condition falls
outside the parameters set forth in the specification.
2. A written request should be submitted to Delta prior to approval if deviation from this
specification is required.
3. Please exercise caution when handling fans.
Damage may be caused when pressure is applied
to the impeller, if the fans are handled by the lead wires, or if the fans are hard-dropped to the
production floor.
4. Except as pertains to some special designs, there is no guarantee that the products will be free
from any such safety problems or failures as caused by the introduction of powder, droplets of
water or encroachment of insect into the hub.
5. The above-mentioned conditions are representative of some unique examples and viewed as the
first point of reference prior to all other information.
6. It is very important to establish the correct polarity before connecting the fan to the power
source.
Positive (+) and Negative (-).
Damage may be caused to the fans if connection is
with reverse polarity, as there is no foolproof method to protect against such error.
7. Delta fans are not suitable where any corrosive fluids are introduced to their environment.
8. Please ensure all fans are stored according to the storage temperature limits specified.
Do not
store fans in a high humidity environment. We highly recommend performance testing is
conducted before shipping, if the fans have been stored over 6 months.
9. Not all fans are provided with the Lock Rotor Protection feature.
If you impair the rotation of
the impeller for the fans that do not have this function, the performance of those fans will lead
to failure.
10. Please be cautious when mounting the fan.
Incorrect mounting of fans may cause excess
resonance, vibration and subsequent noise.
11. It is important to consider safety when testing the fans. A suitable fan guard should be fitted to
the fan to guard against any potential for personal injury.
12. Except where specifically stated, all tests are carried out at relative (ambient) temperature and
humidity conditions of 25
oC, 65%. The test value is only for fan performance itself.
13. Be certain to connect an “over 4.7µF” capacitor to the fan externally when the application calls
for using multiple fans in parallel, to avoid any unstable power.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com