Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

116 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 116
Description  Point-to-point Wiring
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

116 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  116 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
11011
Rev. 5.3
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• Wide Array of DIP Jumper Configurations and Wiring Possibilities
• Reliable, Electronically-tested Solder Connections
• Strain Relief by Ultrasonically-welded Protective Covers
• Easy Identification and Tracing with 10-color Cable
• Point-to-point Wiring
GENERAL SPECIFICATIONS
•
HEADER BODY: black UL 94V-0 glass-filled 4/6 Nylon
•
HEADER PINS: Brass, 1/2-hard
•
PIN PLATING: 10µ [0.25µ] min. Au per MIL-G-45204 over 50µ [1.27µ] min. Ni per SAE AMS-QQ-N-
290B
•
CABLE INSULATION: UL Style 2697 flame-retardant Polyvinyl Chloride (PVC), 0.010 [0.25] nominal
thickness
•
CONDUCTORS: 28-AWG, 7/36-strand, tinned Cu per ASTM B 33
•
CABLE CURRENT RATING: 1 amp at 10°C [50°F] above ambient
•
CABLE VOLTAGE RATING: 300V
•
CABLE TEMPERATURE RATING: 176°F [80°C]
•
INSULATION RESISTANCE: 1010Ω (10 ft. [3 meters] min.)
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE: 0.033 ±0.002 [0.86 ±0.05] dia.
Series 115, 116, 117
DIP-ER™ Logic Jumper
ORDERING INFORMATION
XX-XXX XXX
Series
115, 116, 117
Length “L” (inches)
2.00" = 002 (min)
2.50" = 002.5
3.00" = 003
Etc.
No. of Conductors
(See Table)
Centers “C”
Dim. “D”
Available Sizes
0.300 [7.62]
0.395 [10.03]
8, 14, 16, 18, 20
0.400 [10.16]
0.495 [12.57]
22
0.600 [15.24]
0.695 [17.65]
24, 28, 40


Similar Part No. - 116

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
116 RENESAS-116 Datasheet
798Kb / 50P
RENESAS MCU
logo
Fluke Corporation
116 FLUKE-116 Datasheet
771Kb / 2P
Built in thermometer for HVAC applications
logo
RUKO GmbH Präzisionswe...
116 010 RUKO-116 010 Datasheet
1Mb / 6P
ROTARY BURRS
116 011 RUKO-116 011 Datasheet
1Mb / 6P
ROTARY BURRS
116 012 RUKO-116 012 Datasheet
1Mb / 6P
ROTARY BURRS
More results

Similar Description - 116

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC522 MICROSS-HMC522 Datasheet
881Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC523 MICROSS-HMC523 Datasheet
894Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
Point-to-Point and Point-to-Multi-Point Radio
HMC528 MICROSS-HMC528 Datasheet
882Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC362 AD-HMC362 Datasheet
310Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC442 AD-HMC442 Datasheet
371Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
Point-to-Point
HMC753 AD-HMC753 Datasheet
429Kb / 14P
Point to point radios
Rev. D
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com