Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

511 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 511
Description  Bifurcated Contacts with Solder Tail or Wire Wrap Pins
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

511 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  511 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
12004
Rev. 5.2
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR WIRE WRAP PINS, SEE DATA SHEETS 12005
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• BifurcatedContactswithSolderTailorWireWrapPins
GENERAL SPECIFICATIONS
•
STANDARD BODY:BlackUL94V-0Glass-filled4/6Nylon
•
BIFURCATED CONTACTS:GradeASpring-temperedPhosphorBronzeperQQ-B-750
•
PIN PLATING:50-130µmin.matteSnperASTMB545-97(2004)e1over50µNiperSAEAMS-
QQ-N-290B;
–OR–50-130µ90/10Sn/PbperMIL-T-10727Type1over50µNiperSAEAMS-
QQ-N-290B;
–OR–10µ[0.25µ]min.AuperMIL-G-45204over50µNiperSAEAMS-QQ-N-290B
•
CONTACT CURRENT RATING:1amp
•
OPERATING TEMPERATURE:-67°Fto221°F[-55°Cto105°C]Sn;-67°Fto
257°F[-55°C125°C]Au
•
INSERTION FORCE:110g/pinaverage
•
WITHDRAWAL FORCE:75g/pinaverage
•
ACCEPTS LEADS:Flatupto0.014thickx0.020wide[0.36x0.51],Roundupto
0.020 [0.51] dia.
•
LEAD LENGTHS:acceptslengthsfromseatingplanefrom0.075-0.160[1.91-
4.06]
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE: 0.035 ±0.002 [0.89 ± 0.05] dia.
Series 511 Standard DIP Socket
w/Bifurcated Contacts & Solder Pin Tails
ORDERING INFORMATION
XX-X 511-X XXX XX
Rails Option
WR=WithoutRails
Plating
0=Sn
1=Au
0TL=Sn/Pb
Termination
1=SolderPinTail
Series
Row-to-Row Spacing(Dim.“C”)
2 = 0.200 [5.08]
3 = 0.300 [7.62]
4 = 0.400 [10.16]
6 = 0.600 [15.24]
No. of Pins
(SeeTable)
Centers “C”
Width “D”
Available Sizes
0.200 [5.08]
0.290 [7.36]
8, 10
0.300 [7.62]
0.390 [9.90]
8, 14-20
0.400 [10.16]
0.490 [12.45]
22
0.600 [15.24]
0.690 [17.54]
8-24, 28-40, 48


Similar Part No. - 511

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
511 PEREGRINE-511 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Marl International Limi...
511 MARL-511 Datasheet
432Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
logo
List of Unclassifed Man...
511 ETC2-511 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
API Technologies Corp
511 APITECH-511 Datasheet
57Kb / 1P
COAXIAL RESONATOR OSCILLATOR
511 APITECH-511 Datasheet
57Kb / 1P
COAXIAL RESONATOR OSCILLATOR
More results

Similar Description - 511

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
14-511-11 ARIES-14-511-11 Datasheet
330Kb / 1P
Series 511 Standard DIP Sockets with Solder Tail Bifurcated Contacts
28-0501-31 ARIES-28-0501-31 Datasheet
228Kb / 2P
Series 0501 Strip-line Sockets with Bifurcated Contact Wire Wrap Pins
12005 ARIES-12005 Datasheet
610Kb / 1P
Series 501 Standard DIP Socket w/Bifurcated Contacts & Wire Wrap Pins
12009 ARIES-12009 Datasheet
720Kb / 1P
Series 501 Strip-Line??Socket Strip w/Bifurcated Contacts & Wire Wrap Pins
12017 ARIES-12017 Datasheet
814Kb / 1P
Series 508 Open Frame Socket w/Collet Contacts & Wire Wrap Pins
12027 ARIES-12027 Datasheet
563Kb / 1P
Series 508 Open-Frame Capacitor Socket w/Collet Contacts & Wire Wrap Pins
501 ARIES-501 Datasheet
610Kb / 1P
Bifurcated Contacts in Standard DIP Sockets with Solder Tails or Wire Wrap Pins
0503 ARIES-0503 Datasheet
554Kb / 1P
Available with Solder Pin Tails or Wire Wrap Pins
503 ARIES-503 Datasheet
658Kb / 1P
Available with Solder Tail or Wire Wrap Pins
0513 ARIES-0513 Datasheet
543Kb / 1P
Available with Solder Pin Tails or Wire Wrap Pins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com