Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA16 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA16
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA16 Datasheet(HTML) 2 Page - Cirrus Logic

  PA16 Datasheet HTML 1Page - Cirrus Logic PA16 Datasheet HTML 2Page - Cirrus Logic PA16 Datasheet HTML 3Page - Cirrus Logic PA16 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
38V
OUTPUT CURRENT, within SOA
5A
POWER DISSIPATION, internal1
62.5W
INPUT VOLTAGE, differential
±V
S –5V
INPUT VOLTAGE, common mode
±V
S –2V
TEMPERATURE, pin solder - 10s max.
260°C
TEMPERATURE, junction1
150°C
TEMPERATURE RANGE, storage
–40 to +85°C
OPERATING TEMPERATURE RANGE, case
–25 to +85°C
PA16 • PA16A
The exposed substrate contains beryllia (BeO). Do not crush, machine, or subject to temperatures in excess of 850°C to
avoid generating toxic fumes.
CAUTION
SPECIFICATIONS
PA16
PA16A
PARAMETER
TEST CONDITIONS 2, 6
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
T
C = 25°C
±5
±10
±1
±3
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
±10
±50
*
±25
µV/°C
OFFSET VOLTAGE, vs. supply
T
C = 25°C
±10
*
µV/V
OFFSET VOLTAGE, vs. power
T
C = 25°C
±6
*
µV/W
BIAS CURRENT, initial
T
C = 25°C
50
200
25
100
pA
BIAS CURRENT, vs. temperature
T
C = 85°C
200
*
pA/°C
BIAS CURRENT, vs. supply
T
C = 25°C
.01
*
pA/V
OFFSET CURRENT, initial
T
C = 25°C
25
100
15
50
pA
OFFSET CURRENT, vs. temperature
T
C = 85°C
100
*
pA/°C
INPUT IMPEDANCE, DC
T
C = 25°C
1000
*
GΩ
INPUT CAPACITANCE
T
C = 25°C
3
*
pF
COMMON MODE VOLT. RANGE5, Pos. Full temperature range
+V
S –6
+V
S –3
*
*
V
COMMON MODE VOLT. RANGE5, Neg. Full temperature range
–V
S +6
–V
S +5
*
*
V
COMMON MODE REJECTION, DC
Full temperature range
70
100
*
*
dB
GAIN
OPEN LOOP GAIN at 10Hz
T
C = 25°C, 1kΩ load
103
*
dB
OPEN LOOP GAIN at 10Hz
Full temp. range, 10kΩ load
86
100
*
*
dB
GAIN BANDWIDTH PRODUCT at 1MHz T
C = 25°C, 10Ω load
4.5
*
MHz
POWER BANDWIDTH
T
C = 25°C, 10Ω load
350
*
kHz
PHASE MARGIN
Full temp. range, 10Ω load
30
*
°
OUTPUT
VOLTAGE SWING3
T
C = 25°C, IO = 5A, RCL = .08Ω
±V
S –4
±V
S –3
±V
S –3
*
V
VOLTAGE SWING3
Full temp. range, I
O = 2A
±V
S –2
±V
S –1.2
±V
S –1.2
*
V
CURRENT, peak
T
C = 25°C
5
*
A
SETTLING TIME to .1%
T
C = 25°C, 2V step
.6
*
µs
SLEW RATE
T
C = 25°C
13
20
*
*
V/µs
CAPACITIVE LOAD
Full temp. range, A
V > 10
SOA
*
HARMONIC DISTORTION
P
O = 5W, F = 1kHz, RL = 4Ω
.028
*
%
SMALL SIGNAL rise/fall time
R
L = 10Ω, AV = 1
100
*
ns
SMALL SIGNAL overshoot
R
L = 10Ω, AV = 1
10
*
%
POWER SUPPLY
VOLTAGE
Full temperature range
±7
±15
±19
*
*
*
V
CURRENT, quiescent
T
C = 25°C
27
40
*
*
mA
THERMAL
RESISTANCE, AC junction to case4
F > 60Hz
1.4
1.6
*
*
°C/W
RESISTANCE, DC junction to case
F < 60Hz
1.8
2.0
*
*
°C/W
RESISTANCE, junction to air
30
*
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
+85
*
*
°C
NOTES: *
The specification of PA16A is identical to the specification for PA16 in applicable column to the left.
1. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
2. The power supply voltage for all specifications is the TYP rating unless otherwise noted as a test condition.
3. +V
S and –VS denote the positive and negative supply rail respectively. Total VS is measured from +VS to –VS.
4. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
5. Exceeding CMV range can cause the output to latch.
6. Full temperature specifications are guaranteed but not 100% tested.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com