Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLP535 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # XLP535
Description  IDT XO LVPECL Crystal Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XLP535 Datasheet(HTML) 1 Page - Integrated Device Technology

  XLP535 Datasheet HTML 1Page - Integrated Device Technology XLP535 Datasheet HTML 2Page - Integrated Device Technology XLP535 Datasheet HTML 3Page - Integrated Device Technology XLP535 Datasheet HTML 4Page - Integrated Device Technology XLP535 Datasheet HTML 5Page - Integrated Device Technology XLP535 Datasheet HTML 6Page - Integrated Device Technology XLP535 Datasheet HTML 7Page - Integrated Device Technology XLP535 Datasheet HTML 8Page - Integrated Device Technology XLP535 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATASHEET
XUQ JUNE 20, 2017
1
©2017 Integrated Device Technology, Inc.
IDT XO LVPECL Crystal Oscillator
XUQ
Description
The XUQ is an Ultra Precision LVPECL crystal oscillator with
300fs typical phase jitter over 12kHz to 20MHz bandwidth.
Available in a wide frequency range from 16kHz to 670MHz,
the IDT XUQ series crystal oscillator utilizes a family of
proprietary ASICs, with a key focus on noise reduction
technologies.
The 4th order Delta Sigma Modulator reduces noise to the
levels that are comparable to traditional bulk Quartz and SAW
oscillators. With short lead-time, low cost, low noise, wide
frequency range, excellent ambient performance, the XUQ is
an excellent choice over the conventional technologies. The
XUQ has stabilities as tight as ±20ppm with extremely quick
delivery for both standard and custom frequencies.
Features
• Frequency range: 0.016 to 670MHz
• Output type: LVPECL
• Frequency stability: ±20ppm, ±25ppm, ±50ppm, or
±100ppm
• Supply voltage: 1.8V, 2.5V, or 3.3V
• Phase jitter (1.875MHz to 20MHz): 100fs typical
• Phase jitter (12kHz to 20MHz): 300fs typical
• Package options: 5.0mm x 3.2mm x 1.2mm (JS6)
7.0mm x 5.0mm x 1.3mm (JU6)
• Operating temperatures: -20°C to +70°C or -40°C to +85°C
Pin Assignment
Pin Descriptions
1. Pulled high internally.
Pin Number
Pin Name
Description
1
NC
No connect
2
E/D
Enable/Disable1 (0=Output Disabled)
3
GND
Connect to ground
4
OUT
Output
5
OUT2
Complementary output
6
VDD
Supply Voltage
12
3
4
5
6
6-pin CLCC


Similar Part No. - XLP535

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
XLP535 RENESAS-XLP535 Datasheet
621Kb / 23P
XL Family of Low Phase Noise Quartz-based PLL Oscillators
March 2, 2022
More results

Similar Description - XLP535

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XUP IDT-XUP_17 Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
XUO IDT-XUO_17 Datasheet
289Kb / 12P
IDT XO HCSL Crystal Oscillator
XUN IDT-XUN_17 Datasheet
289Kb / 12P
IDT XO HCSL Crystal Oscillator
XUM IDT-XUM_17 Datasheet
294Kb / 12P
IDT XO LVDS Crystal Oscillator
XUL IDT-XUL_17 Datasheet
294Kb / 12P
IDT XO LVDS Crystal Oscillator
XUH IDT-XUH_17 Datasheet
303Kb / 12P
IDT XO HCMOS Crystal Oscillator
XLP IDT-XLP_17 Datasheet
373Kb / 11P
IDT XO LVPECL Crystal Oscillator
XLL IDT-XLL_17 Datasheet
429Kb / 13P
IDT XO LVDS Crystal Oscillator
XLH IDT-XLH_17 Datasheet
341Kb / 13P
IDT XO HCMOS Crystal Oscillator
logo
AiT Semiconductor Inc.
KOP3225 AITSEMI-KOP3225 Datasheet
252Kb / 1P
LVPECL CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com