Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1851 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS1851
Description  1.8 V input/output, rail-to-rail, low power operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1851 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS1851 Datasheet HTML 10Page - STMicroelectronics TS1851 Datasheet HTML 11Page - STMicroelectronics TS1851 Datasheet HTML 12Page - STMicroelectronics TS1851 Datasheet HTML 13Page - STMicroelectronics TS1851 Datasheet HTML 14Page - STMicroelectronics TS1851 Datasheet HTML 15Page - STMicroelectronics TS1851 Datasheet HTML 16Page - STMicroelectronics TS1851 Datasheet HTML 17Page - STMicroelectronics TS1851 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Electrical characteristics
TS185x, TS185xA
14/24
Doc ID 6991 Rev 4
Figure 37.
Distortion vs. output voltage at
Vcc = 5 V
Figure 38.
Distortion vs. frequency
0.000
0.500
1.000
1.500
2.000
Output Voltage (V)
0.001
0.010
0.100
1.000
10.000
RL = 10kohms
VCC = 5V
f = 1kHz
T = 25°C
gain = -1
RL = 2kohms
1E+1
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
0.001
0.010
0.100
1.000
RL = 10kohms
VCC = 3V
Vout = 2Vpp
T = 25°C
gain = -1
RL = 2kohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com