Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1871A Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS1871A
Description  1.8 V input/output, rail-to-rail, low power operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1871A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS1871A Datasheet HTML 17Page - STMicroelectronics TS1871A Datasheet HTML 18Page - STMicroelectronics TS1871A Datasheet HTML 19Page - STMicroelectronics TS1871A Datasheet HTML 20Page - STMicroelectronics TS1871A Datasheet HTML 21Page - STMicroelectronics TS1871A Datasheet HTML 22Page - STMicroelectronics TS1871A Datasheet HTML 23Page - STMicroelectronics TS1871A Datasheet HTML 24Page - STMicroelectronics TS1871A Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Revision history
TS187x, TS187xA
24/25
Doc ID 6992 Rev 7
5
Revision history
Table 14.
Document revision history
Date
Revision
Changes
01-Apr-2002
1
First release.
02-Jan-2005
2
Modifications on AMR Table 2 on page 3 (explanation of Vid and
Vi limits).
21-May-2007
3
Added limits over temperature range in Table 4 on page 5,
Table 5 on page 6, Table 6 on page 7.
Added SVR in Table 6 (SVR parameter removed from Table 4
and Table 5).
Added equivalent input voltage noise in Table 4, Table 5, and
Table 6.
Added Rthjc values in Table 2.
Added automotive grade part numbers to order codes table.
Moved order codes table to Section 4 on page 23.
Updated format of package information.
17-Jan-2008
4
Updated footnote for automotive grade order codes in Table 13.
12-Mar-2010
5
Updated document format.
Modified headings, added root part number TS187xA and
added Table 1: Device summary on cover page.
Corrected typical values for AVd, Isource, Isink and Vol in
Table 4, Table 5 and Table 6.
Added Figure 48: Common mode rejection ratio vs. frequency
at VCC = 5 V.
Updated package information in Chapter 3.
Removed order codes for SO-8 automotive grade packages
(TS1871IYDT and TS1871AIYDT) from Table 13.
Removed order codes for DIP package from Table 13.
06-Jul-2012
6
Updated Table 13: Order codes.
19-Nov-2012
7
Updated Features (added MiniSO-8, SO-8, SO-14, TSSOP8,
and TSSOP14 package).
Updated titles of Table 5 and Table 6 (replaced VDD by VCC-).
Updated TS1871IYLT, TS1871AIYLT, TS1872IYDT,
TS1872AIYDT, TS1874IYDT, TS1874AIYDT, TS1874IYPT,
TS1872IYPT, TS1872AIYPT, and TS1874AIYPT order code in
Table 13 (status qualified).
Updated packaging for TS1874IYDT and TS1874AIYDT order
code (indicated only tape and reel) in Table 13.
Added note1. below Table 13.
Minor corrections throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com