Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D3R3 Datasheet(PDF) 27 Page - STMicroelectronics

Part # MIPSZ2012D3R3
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIPSZ2012D3R3 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button MIPSZ2012D3R3 Datasheet HTML 23Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 24Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 25Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 26Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 27Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 28Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 29Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 30Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
TS4621B
Application information
Doc ID 022194 Rev 2
27/48
Figure 73.
I²C read operations1
4.1.2
Control register CR1 - address 1
Amplifier output short-circuit detection: bits SC_L and SC_R
The amplifier’s outputs are protected from short-circuits that might accidentally occur during
manipulation of the device. In a typical application, if a short-circuit arises on the jack plug,
there will be no detection because of the serial resistor present on the amplifier output, thus
the output current threshold will not be reached.
To be active, the detection has to occur directly on the amplifier’s output with a signal
modulation on the inputs of the TS4621B. This detection is depicted in Figure 74.
Figure 74.
Flowchart for short-circuit detection
AM06116
SDA
S
11
0
00
0 ACK
00
A7
A0
D7
P
Start condition
DEVICE ADDRESS
DATA BYTES
R/W
Acknowledge
fom slave
Not
Acknowledge
Stop
condition
D0
D7
D0
REGISTER ADDRESS
CRX
CRX+1
ACK
A
A
S
Repeat
start condition
11
0
00
1
00
ACK
ACK
DEVICE ADDRESS
R/W
AM06117
Counter = 0
TS4621B power OFF
Counter = counter + 1
TS4621B power ON
Timeout = 40 ms
TS4621B power ON
Wait 40 ms
Set flag SC_L or SC_R to 1
Set flag HiZ_L or HiZ_R to 1
Shortcut detection
Shortcut detection
Shortcut detection & timeout = 0
Shortcut detection
Reset
Counter < 3
Counter = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com