Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV63X Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSV63X
Description  Dual and quad, rail-to-rail input/output, 60 μA, 880 kHz operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV63X Datasheet(HTML) 2 Page - STMicroelectronics

  TSV63X Datasheet HTML 1Page - STMicroelectronics TSV63X Datasheet HTML 2Page - STMicroelectronics TSV63X Datasheet HTML 3Page - STMicroelectronics TSV63X Datasheet HTML 4Page - STMicroelectronics TSV63X Datasheet HTML 5Page - STMicroelectronics TSV63X Datasheet HTML 6Page - STMicroelectronics TSV63X Datasheet HTML 7Page - STMicroelectronics TSV63X Datasheet HTML 8Page - STMicroelectronics TSV63X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Contents
TSV632, TSV632A, TSV633, TSV633A, TSV634,
TSV634A, TSV635, TSV635A
2/31
DocID15688 Rev 6
Contents
1
Package pin connections................................................................ 3
2
Absolute maximum ratings and operating conditions ................. 4
3
Electrical characteristics ................................................................ 6
4
Application information ................................................................ 14
4.1
Operating voltages .......................................................................... 14
4.2
Rail-to-rail input ............................................................................... 14
4.3
Rail-to-rail output............................................................................. 14
4.4
Shutdown function (TSV633, TSV635) ........................................... 15
4.5
Optimization of DC and AC parameters .......................................... 16
4.6
Driving resistive and capacitive loads ............................................. 16
4.7
PCB layouts .................................................................................... 16
4.8
Macromodel .................................................................................... 17
5
Package information ..................................................................... 18
5.1
DFN8 2 x 2 (NB) package information ............................................ 19
5.2
SOT23-8 package information ........................................................ 21
5.3
MiniSO8 package information ......................................................... 22
5.4
MiniSO10 package information ....................................................... 23
5.5
SO8 package information................................................................ 24
5.6
QFN16 3x3 package information..................................................... 25
5.7
TSSOP14 package information....................................................... 27
5.8
TSSOP16 package information....................................................... 28
6
Ordering information..................................................................... 29
7
Revision history ............................................................................ 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com