Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV852A Datasheet(PDF) 30 Page - STMicroelectronics

Part # TSV852A
Description  Low-power, high-accuracy, general-purpose operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV852A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TSV852A Datasheet HTML 23Page - STMicroelectronics TSV852A Datasheet HTML 24Page - STMicroelectronics TSV852A Datasheet HTML 25Page - STMicroelectronics TSV852A Datasheet HTML 26Page - STMicroelectronics TSV852A Datasheet HTML 27Page - STMicroelectronics TSV852A Datasheet HTML 28Page - STMicroelectronics TSV852A Datasheet HTML 29Page - STMicroelectronics TSV852A Datasheet HTML 30Page - STMicroelectronics TSV852A Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Revision history
TSV85x, TSV85xA
30/31
DocID022468 Rev 4
7
Revision history
Table 21. Order codes (automotive grade parts)
Order code
Temperature
range
Package
Packing
Marking
TSV851IYLT
-40 °C to 125 °C
automotive
grade(1)
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q002 or equivalent.
SOT23-5
Tape and reel
K165
TSV852IYST
MiniSO8
TSV852IYDT
SO8
TSV852IY
TSV854IYPT
TSSOP14
TSV854IY
TSV851AIYLT
SOT23-5
K166
TSV852AIYST
MiniSO8
TSV852AIYDT
SO8
TSV852AY
TSV854AIYPT
TSSOP14
TSV854AIY
Table 22. Document revision history
Date
Revision
Changes
10-Nov-2011
1
Initial release.
06-Jul-2012
2
Added QFN16 package with related information.
Minimum suplly voltage decreased down to 2.3 V.
Modified Figure 2, Figure 7 and Figure 14.
Addition of automotive grade parts.
02-Oct-2013
3
Figure 1: Pin connections for each package (top view): added DFN8
2x2 pin connection to show exposed pad; added footnote 1.
Section 4.7: Shutdown function: added explanation of Figure 23 and
Figure 23.
Table 21: Order codes (automotive grade parts): updated footnote 1.
Updated disclaimer.
24-Apr-2017
4
Updated Table 11: “L” dimension changed from 0.5 mm to 0.425 mm.
Minor text edits throughout the document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com