Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV853 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSV853
Description  Low-power, high-accuracy, general-purpose operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV853 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSV853 Datasheet HTML 10Page - STMicroelectronics TSV853 Datasheet HTML 11Page - STMicroelectronics TSV853 Datasheet HTML 12Page - STMicroelectronics TSV853 Datasheet HTML 13Page - STMicroelectronics TSV853 Datasheet HTML 14Page - STMicroelectronics TSV853 Datasheet HTML 15Page - STMicroelectronics TSV853 Datasheet HTML 16Page - STMicroelectronics TSV853 Datasheet HTML 17Page - STMicroelectronics TSV853 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Application information
TSV85x, TSV85xA
14/31
DocID022468 Rev 4
4
Application information
4.1
Operating voltages
The TSV85x, TSV85xA can operate from 2.3 to 5.5 V. The devices’ parameters are fully
specified for 2.7 V and 5 V power supplies. Additionally, the main specifications are
guaranteed in extended temperature ranges from -40 °C to +125 °C.
4.2
Input common-mode range
The TSV85x, TSV85xA has an input common-mode range that includes ground. The input
common-mode range is extended from VCC- - 0.2 V to VCC+ - 1 V, with no output phase
reversal.
4.3
Rail-to-rail output
The operational amplifiers’ output levels can go close to the rails: 180 mV maximum above
and below the rail when connected to a 10 k
Ω resistive load to VCC/2.
4.4
Input offset voltage drift over temperature
The maximum input voltage drift over the temperature variation is defined as follows.
for Tmin < T < Tmax.
4.5
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible
to the power supply pins.
4.6
Macromodel
Accurate macromodels of the TSV85x, TSV85xA are available on STMicroelectronics’ web
site at www.st.com. These models are a trade-off between accuracy and complexity (that is,
time simulation) of the TSV85x, TSV85xA operational amplifiers. They emulate the nominal
performances of a typical device within the specified operating conditions mentioned in the
datasheet. They also help to validate a design approach and to select the right operational
amplifier, but they do not replace on-board measurements.
ΔVio
ΔT
-------------
max Vio T
() Vio 25°C
()
–
T25
°C
–
----------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com