Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD33CV Datasheet(PDF) 25 Page - STMicroelectronics

Part # LD33CV
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD33CV Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LD33CV Datasheet HTML 21Page - STMicroelectronics LD33CV Datasheet HTML 22Page - STMicroelectronics LD33CV Datasheet HTML 23Page - STMicroelectronics LD33CV Datasheet HTML 24Page - STMicroelectronics LD33CV Datasheet HTML 25Page - STMicroelectronics LD33CV Datasheet HTML 26Page - STMicroelectronics LD33CV Datasheet HTML 27Page - STMicroelectronics LD33CV Datasheet HTML 28Page - STMicroelectronics LD33CV Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
LD1117 series
Package mechanical data
25/38
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.8
70.9
A1
0.02
0.1
0.8
3.9
B
0.6
0.7
0.85
23.6
27.6
33.5
B1
2.9
3
3.15
114.2
118.1
124.0
c
0.24
0.26
0.35
9.4
10.2
13.8
D
6.3
6.5
6.7
248.0
255.9
263.8
e2.3
90.6
e1
4.6
181.1
E
3.3
3.5
3.7
129.9
137.8
145.7
H
6.7
7
7.3
263.8
275.7
287.5
V
10°
10°
SOT-223 MECHANICAL DATA
0046067/H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com