Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLP318 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # XLP318
Description  IDT XO LVPECL Crystal Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XLP318 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button XLP318 Datasheet HTML 4Page - Integrated Device Technology XLP318 Datasheet HTML 5Page - Integrated Device Technology XLP318 Datasheet HTML 6Page - Integrated Device Technology XLP318 Datasheet HTML 7Page - Integrated Device Technology XLP318 Datasheet HTML 8Page - Integrated Device Technology XLP318 Datasheet HTML 9Page - Integrated Device Technology XLP318 Datasheet HTML 10Page - Integrated Device Technology XLP318 Datasheet HTML 11Page - Integrated Device Technology XLP318 Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
JUNE 20, 2017
11
IDT XO LVPECL CRYSTAL OSCILLATOR
XUQ DATASHEET
IDT Ordering Information
XU
Family and ASIC
L
Output Type
5
Package
3
Voltage
5
Precision
125.000000
Frequency
I
Temperature Range
I: Industrial range  ‐40 to +85 °C
K: Extended industrial range ‐40 to +105 °C
X: Extended commercial range ‐20 to +70 °C
V: 50 ppm APR (VCXO)
0: ±100 ppm
5: ±50 ppm
6: ±25 ppm
8: ±20 ppm
1: 1.8 VDC ±5%
2: 2.5 VDC ±5%
3: 3.3 VDC ±5%
3: 3.2 x 2.5 mm
5: 5.0 x 3.2 mm
7: 7.0 x 5.0 mm
H: HCMOS Enable/Disable Pin 1
J: HCMOS Enable/Disable Pin 2
L: LVDS Enable/Disable Pin 1
M: LVDS Enable/Disable Pin 2
P: LVPECL Enable/Disable Pin 1
Q: LVPECL Enable/Disable Pin 2
N: HCSL Enable/Disable Pin 1
O: HCSL Enable/Disable Pin 2
X: XHCMOS Comp HCMOS Enable/Disable Pin 1
Y: XHCMOS Comp HCMOS Enable/Disable Pin 2
XL: 1,000fs jitter
XU: 400fs jitter
125.000000 Listed in MHz as example
3 digits before decimal and 6 digits past decimal
000.016000 to 000.999999 16.000kHz to 999.999kHz
001.000000 to 009.999999 1.000000MHz to 9.999999MHz
010.000000 to 099.999999 10.000000MHz to 99.999999MHz
100.000000 to 999.999999 100.000000MHz to 999.999999MHz
A00.000000  to A99.999999 1000.000000MHz to 1099.999999MHz
B00.000000  to B99.999999  1100.000000MHz to 1199.999999MHz
C00.000000  to C99.999999  1200.000000MHz to 1299.999999MHz
D00.000000 to D99.999999 1300.000000MHz to 1399.999999MHz
E00.000000   to E99.999999 1400.000000MHz to 1499.999999MHz
F00.000000  1500.000000MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com