Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW12N65D Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW12N65D
Description  N-channel Enhanced mode TO-220SF/TO-220FT MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW12N65D Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW12N65D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW12N65D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW12N65D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW12N65D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW12N65D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW12N65D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Nov. 2016. Rev. 2.0
1/6
SW12N65D
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220SF/TO-220FT
V
DSS
Drain to source voltage
650
V
I
D
Continuous drain current (@T
C=25
oC)
12*
A
Continuous drain current (@T
C=100
oC)
7.6*
A
I
DM
Drain current pulsed
(note 1)
48
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
398
mJ
E
AR
Repetitive avalanche energy
(note 1)
35
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
34
W
Derating factor above 25oC
0.27
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-220SF/TO-220FT
R
thjc
Thermal resistance, Junction to case
3.7
oC/W
R
thja
Thermal resistance, Junction to ambient
48
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW MN12N65D
SW12N65D
TO-220SF
TUBE
2
SW Y12N65D
SW12N65D
TO-220FT
TUBE
N-channel Enhanced mode TO-220SF/TO-220FT MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 0.66Ω)@VGS=10V
 Low Gate Charge (Typ 41nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: LED , Charge, PC Power
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 650V
I
D
: 12A
R
DS(ON) : 0.66Ω
1
2
3
TO-220SF
1
2
3
TO-220FT
1
2
3


Similar Part No. - SW12N65D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW12N65DA SEMIPOWER-SW12N65DA Datasheet
683Kb / 6P
N-channel Enhanced mode TO-220SF MOSFET
More results

Similar Description - SW12N65D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N65D SEMIPOWER-SW10N65D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-220SF/TO-220/TO-262 MOSFET
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW12N65DA SEMIPOWER-SW12N65DA Datasheet
683Kb / 6P
N-channel Enhanced mode TO-220SF MOSFET
SW12N70D SEMIPOWER-SW12N70D Datasheet
848Kb / 7P
N-channel Enhanced mode TO-220F/TO-262/TO-220SF/TO-220FT MOSFET
SW15N50D SEMIPOWER-SW15N50D Datasheet
645Kb / 6P
N-channel Enhanced mode TO-220SF MOSFET
SW4N65DD SEMIPOWER-SW4N65DD Datasheet
725Kb / 6P
N-channel Enhanced mode TO-251N/TO-251N-S2/TO-220F/TO-220SF MOSFET
SW5N60D SEMIPOWER-SW5N60D Datasheet
772Kb / 6P
N-channel Enhanced mode TO-220F/TO-220SF MOSFET
SW640D SEMIPOWER-SW640D Datasheet
767Kb / 6P
N-channel Enhanced mode TO-220/TO-220FT/TO-263 MOSFET
SW6N65K SEMIPOWER-SW6N65K Datasheet
1Mb / 8P
N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-262 /TO-220SF MOSFET
SW7N65K SEMIPOWER-SW7N65K Datasheet
991Kb / 7P
N-channel Enhanced mode TO-220F/TO-220SF/TO-251/ TO-252/TO-220 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com