Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW15N06V Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW15N06V
Description  N-channel Enhanced mode SOP-8 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW15N06V Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW15N06V Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW15N06V Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW15N06V Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW15N06V Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW15N06V Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW15N06V Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Jun. 2016. Rev. 2.0
1/6
SW15N06V
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
60
V
I
D
Continuous drain current (@T
C=25
oC)
15*
A
Continuous drain current (@T
C=100
oC)
9.5*
A
I
DM
Drain current pulsed
(note 1)
60
A
V
GS
Gate to source voltage
± 20
V
E
AS
Single pulsed avalanche energy
(note 2)
371
mJ
E
AR
Repetitive avalanche energy
(note 1)
14
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
2.6
W
Derating factor above 25oC
0.02
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thja
Thermal resistance, Junction to ambient(note)
48
oC/W
*. Drain current is limited by junction temperature.
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW K 15N06V
SW15N06V
SOP-8
REEL
N-channel Enhanced mode SOP-8 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 7.5mΩ)@VGS=10V
(Typ 8.5m
Ω)@V
GS=4.5V
 Low Gate Charge (Typ 79nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:DC-DC Converter, Motor Control
Power Supplies
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics,
including fast switching time, low on resistance, low gate charge and especially
excellent avalanche characteristics.
BV
DSS : 60V
I
D
: 15A
R
DS(ON) : 7.5mΩ@VGS=10V
8.5m
Ω@VGS=4.5V
G
D
S
SOP-8
D
D
D
D
G
S
S
S
Note: R
thja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is d
efined as the solder mounting surface of the drain pins. R
thjc is guaranteed by design while Rthca is determined by the user's
board design.
48 oC/W on a 1 in2 pad of 2oz copper.


Similar Part No. - SW15N06V

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW15N04V SEMIPOWER-SW15N04V Datasheet
1,017Kb / 6P
N-channel Enhanced mode SOP-8/DFN5x6 MOSFET
More results

Similar Description - SW15N06V

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW15N04V SEMIPOWER-SW15N04V Datasheet
1,017Kb / 6P
N-channel Enhanced mode SOP-8/DFN5x6 MOSFET
SW15P03 SEMIPOWER-SW15P03 Datasheet
856Kb / 6P
P-channel Enhanced mode SOP-8 MOSFET
SW051R85VS SEMIPOWER-SW051R85VS Datasheet
731Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW065R85VS SEMIPOWER-SW065R85VS Datasheet
723Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW100R08VS SEMIPOWER-SW100R08VS Datasheet
564Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW125R08VS SEMIPOWER-SW125R08VS Datasheet
578Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW200R10VT SEMIPOWER-SW200R10VT Datasheet
831Kb / 7P
N-channel Enhanced mode TO-252/TO-251/SOP-8 MOSFET
SW4459 SEMIPOWER-SW4459 Datasheet
832Kb / 6P
P-channel Enhanced mode SOP-8 MOSFET
SW7960U SEMIPOWER-SW7960U Datasheet
592Kb / 6P
Dual N-channel Enhanced mode SO-8 MOSFET
SW9435 SEMIPOWER-SW9435 Datasheet
538Kb / 4P
P-channel SOP-8 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com