Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW15N50D Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW15N50D
Description  N-channel Enhanced mode TO-220SF MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW15N50D Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW15N50D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW15N50D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW15N50D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW15N50D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW15N50D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW15N50D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
June. 2017. Rev. 2.0
1/6
SW15N50D
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
500
V
I
D
Continuous drain current (@T
C=25
oC)
15*
A
Continuous drain current (@T
C=100
oC)
9.5*
A
I
DM
Drain current pulsed
(note 1)
60
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
1148
mJ
E
AR
Repetitive avalanche energy
(note 1)
53
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
37
W
Derating factor above 25oC
0.3
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
3.4
oC/W
R
thja
Thermal resistance, Junction to ambient
33
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW MN 15N50D
SW15N50D
TO-220SF
TUBE
N-channel Enhanced mode TO-220SF MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 0.22Ω)@VGS=10V
 Low Gate Charge (Typ 92nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: LED , Charge, Adaptor
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 500V
I
D
: 15A
R
DS(ON) : 0.22Ω
1
2
3
TO-220SF
1
2
3


Similar Part No. - SW15N50D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW15N50 SEMIPOWER-SW15N50 Datasheet
627Kb / 5P
N-channel TO-220F MOSFET
SW15N50A SEMIPOWER-SW15N50A Datasheet
576Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
More results

Similar Description - SW15N50D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N65D SEMIPOWER-SW10N65D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-220SF/TO-220/TO-262 MOSFET
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW12N65D SEMIPOWER-SW12N65D Datasheet
585Kb / 6P
N-channel Enhanced mode TO-220SF/TO-220FT MOSFET
SW12N65DA SEMIPOWER-SW12N65DA Datasheet
683Kb / 6P
N-channel Enhanced mode TO-220SF MOSFET
SW12N70D SEMIPOWER-SW12N70D Datasheet
848Kb / 7P
N-channel Enhanced mode TO-220F/TO-262/TO-220SF/TO-220FT MOSFET
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW4N65DD SEMIPOWER-SW4N65DD Datasheet
725Kb / 6P
N-channel Enhanced mode TO-251N/TO-251N-S2/TO-220F/TO-220SF MOSFET
SW5N60D SEMIPOWER-SW5N60D Datasheet
772Kb / 6P
N-channel Enhanced mode TO-220F/TO-220SF MOSFET
SW6N65K SEMIPOWER-SW6N65K Datasheet
1Mb / 8P
N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-262 /TO-220SF MOSFET
SW7N65K SEMIPOWER-SW7N65K Datasheet
991Kb / 7P
N-channel Enhanced mode TO-220F/TO-220SF/TO-251/ TO-252/TO-220 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com