Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW15P02 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW15P02
Description  P-channel Enhanced mode TO-251/TO-252/DFN3*3/DFN5*6 MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW15P02 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW15P02 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW15P02 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW15P02 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW15P02 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW15P02 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW15P02 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW15P02 Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Mar. 2017. Rev. 3.0
1/7
SW15P02
P-channel Enhanced mode TO-251/TO-252/DFN3*3/DFN5*6 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-251
TO-252 DFN3*3 DFN5*6
V
DSS
Drain to source voltage
-20
V
I
D
Continuous drain current (@T
C=25
oC)
-15*
A
Continuous drain current (@T
C=100
oC)
-9.5*
A
I
DM
Drain current pulsed
(note 1)
-60
A
V
GS
Gate to source voltage
± 12
V
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
69.4
62.5
W
Total power dissipation (@Ta=25oC)
1.5
3.3
W
Derating factor above 25oC
0.6
0.5
0.01
0.03
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-251
TO-252 DFN3*3 DFN5*6
R
thjc
Thermal resistance, Junction to case
1.8
2
oC/W
R
thja
Thermal resistance, Junction to ambient
62
81
38
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : -20V
I
D
: -15A
R
DS(ON) : 9.4mΩ @VGS=-4.5V
8.1m
Ω @V
GS=-10V
TO251/252:1. Gate 2. Drain 3. Source
DFN3*3&DFN5*6:4.Gate 5,6,7,8.Drain 1,2,3.Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW I 15P02
SW15P02
TO-251
TUBE
2
SW D 15P02
SW15P02
TO-252
REEL
3
SW H 15P02
SW15P02
DFN3*3
REEL
4
SW HA 15P02
SW15P02
DFN5*6
REEL
Features
 High ruggedness
 Low R
DS(ON) (Typ 9.4mΩ)@VGS=-4.5V
Low R
DS(ON) (Typ 8.1mΩ)@VGS=-10V
 Low Gate Charge (Typ 91nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: DC-DC Converter,
Motor Control
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including
Fast switching time, low on resistance, low gate charge and especially excellent
Avalanche characteristics.
TO-252
1
2
3
TO-251
1
2
3
DFN3*3
DFN5*6
G(4) D(5,6,7,8) S(1,2,3)
Note: R
thja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is d
efined as the solder mounting surface of the drain pins. R
thjc is guaranteed by design while Rthca is determined by the user‘s
board design. DFN3*3 R
thja 81
oC/W & DFN5*6 R
thja 38
oC/W on a 1 in2 pad of 2oz copper.


Similar Part No. - SW15P02

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW15P03 SEMIPOWER-SW15P03 Datasheet
856Kb / 6P
P-channel Enhanced mode SOP-8 MOSFET
More results

Similar Description - SW15P02

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW051R08ES-1 SEMIPOWER-SW051R08ES-1 Datasheet
654Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
SW055R03VT SEMIPOWER-SW055R03VT Datasheet
701Kb / 7P
N-channel Enhanced mode TO-252/TO-251/DFN3*3 MOSFET
SW069R06VT SEMIPOWER-SW069R06VT Datasheet
817Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
SW069R10VS SEMIPOWER-SW069R10VS Datasheet
714Kb / 7P
N-channel Enhanced mode DFN5*6/TO-251/TO-252/TO-220 MOSFET
SW110R03VT SEMIPOWER-SW110R03VT Datasheet
732Kb / 6P
N-channel Enhanced mode TO-252/DFN3*3 MOSFET
SW2N60DC SEMIPOWER-SW2N60DC Datasheet
598Kb / 6P
N-channel Enhanced mode TO-252/TO-251 MOSFET
SW4N70D SEMIPOWER-SW4N70D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220F MOSFET
SW80N04V SEMIPOWER-SW80N04V Datasheet
804Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
SW80N06V1 SEMIPOWER-SW80N06V1 Datasheet
930Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
SW80N08V1 SEMIPOWER-SW80N08V1 Datasheet
887Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com