Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW026R03VT Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW026R03VT
Description  N-channel Enhanced mode DFN5*6 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW026R03VT Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW026R03VT Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW026R03VT Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW026R03VT Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW026R03VT Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW026R03VT Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW026R03VT Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Nov. 2016. Rev. 2.0
1/6
SW026R03VT
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
30
V
I
D
Continuous drain current (@T
C=25
oC)
80*
A
Continuous drain current (@T
C=100
oC)
50*
A
I
DM
Drain current pulsed
(note 1)
320
A
V
GS
Gate to source voltage
± 20
V
E
AS
Single pulsed avalanche energy
(note 2)
398
mJ
E
AR
Repetitive avalanche energy
(note 1)
18
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
1.4
W
Derating factor above 25oC
0.01
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thja
Thermal resistance, Junction to ambient
88
oC/W
*. Drain current is limited by junction temperature.
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW HA 026R03VT
SW026R03VT
DFN5*6
REEL
N-channel Enhanced mode DFN5*6 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 3.5mΩ)@VGS=4.5V
(Typ 3.0m
Ω)@V
GS=10V
 Low Gate Charge (Typ 113nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:DC-DC Converter, Inverter,
Synchronous Rectification
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 30V
I
D
: 80A
R
DS(ON) : 3.5mΩ@VGS=4.5V
3.0m
Ω@V
GS=10V
G(4)
D(5,6,7,8)
S(1,2,3)
DFN5*6
Note: R
thja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is d
efined as the solder mounting surface of the drain pins. R
thjc is guaranteed by design while Rthca is determined by the user's
board design. 88oC/W on a 1 in2 pad of 2oz copper.


Similar Part No. - SW026R03VT

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW029R04ET SEMIPOWER-SW029R04ET Datasheet
615Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
SW029R06ET SEMIPOWER-SW029R06ET Datasheet
742Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
More results

Similar Description - SW026R03VT

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW15P02 SEMIPOWER-SW15P02 Datasheet
1Mb / 7P
P-channel Enhanced mode TO-251/TO-252/DFN3*3/DFN5*6 MOSFET
SW069R06VT SEMIPOWER-SW069R06VT Datasheet
817Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
SW069R10VS SEMIPOWER-SW069R10VS Datasheet
714Kb / 7P
N-channel Enhanced mode DFN5*6/TO-251/TO-252/TO-220 MOSFET
SW100R08VT SEMIPOWER-SW100R08VT Datasheet
900Kb / 6P
N-channel Enhanced mode DFN5*6 MOSFET
SW35N10V SEMIPOWER-SW35N10V Datasheet
894Kb / 6P
N-channel Enhanced mode DFN5*6 MOSFET
SW40N06V SEMIPOWER-SW40N06V Datasheet
909Kb / 6P
N-channel Enhanced mode DFN5*6 MOSFET
SW60N04V SEMIPOWER-SW60N04V Datasheet
625Kb / 6P
N-channel Enhanced mode DFN5*6 MOSFET
SW80N06V1 SEMIPOWER-SW80N06V1 Datasheet
930Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
SW80N08V1 SEMIPOWER-SW80N08V1 Datasheet
887Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com