Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW030R04VT Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW030R04VT
Description  N-channel Enhanced mode TO-220 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW030R04VT Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW030R04VT Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW030R04VT Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW030R04VT Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW030R04VT Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW030R04VT Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW030R04VT Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Sep. 2016. Rev. 2.0
1/6
SW030R04VT
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
40
V
I
D
Continuous drain current (@T
C=25
oC)
130*
A
Continuous drain current (@T
C=100
oC)
82*
A
I
DM
Drain current pulsed
(note 1)
520
A
V
GS
Gate to source voltage
± 20
V
E
AS
Single pulsed avalanche energy
(note 2)
826
mJ
E
AR
Repetitive avalanche energy
(note 1)
49
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
121
W
Derating factor above 25oC
0.98
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
1.03
oC/W
R
thja
Thermal resistance, Junction to ambient
52
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW P 030R04VT
SW030R04VT
TO-220
TUBE
N-channel Enhanced mode TO-220 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 2.8mΩ)@VGS=10V
(Typ 3.7m
Ω)@V
GS=4.5V
 Low Gate Charge (Typ 120nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:Power Supply,LED Boost
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 40V
I
D
: 130A
R
DS(ON) : 2.8mΩ@VGS=10V
3.7m
Ω@V
GS=4.5V
1
2
3
TO-220
1
2
3


Similar Part No. - SW030R04VT

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW031R06ET SEMIPOWER-SW031R06ET Datasheet
728Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
SW035R08ET SEMIPOWER-SW035R08ET Datasheet
756Kb / 6P
N-channel Enhanced mode TO-263 MOSFET
SW036R10ES SEMIPOWER-SW036R10ES Datasheet
855Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW038R10ES SEMIPOWER-SW038R10ES Datasheet
756Kb / 7P
N-channel Enhanced mode TO-263/TO-220/TO-247 MOSFET
More results

Similar Description - SW030R04VT

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW100R10VT SEMIPOWER-SW100R10VT Datasheet
653Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW150N06A SEMIPOWER-SW150N06A Datasheet
739Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW160R12VT SEMIPOWER-SW160R12VT Datasheet
627Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW340R10ET SEMIPOWER-SW340R10ET Datasheet
831Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW75N75B SEMIPOWER-SW75N75B Datasheet
681Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SWP090R08ET SEMIPOWER-SWP090R08ET Datasheet
878Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SWP098R13CT SEMIPOWER-SWP098R13CT Datasheet
566Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW055R06E7T SEMIPOWER-SW055R06E7T Datasheet
583Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
May.2022.
SW058R72E7T SEMIPOWER-SW058R72E7T Datasheet
829Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
Sep. 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com