Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW038R10ES Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW038R10ES
Description  N-channel Enhanced mode TO-263/TO-220/TO-247 MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW038R10ES Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW038R10ES Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW038R10ES Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW038R10ES Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW038R10ES Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW038R10ES Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW038R10ES Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW038R10ES Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Apr. 2017. Rev. 7.0
1/7
SW038R10ES
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-263
TO-220
TO-247
V
DSS
Drain to source voltage
100
V
I
D
Continuous drain current (@T
C=25
oC)
120*
A
Continuous drain current (@T
C=100
oC)
100*
A
I
DM
Drain current pulsed
(note 1)
480
A
V
GS
Gate to source voltage
± 20
V
E
AS
Single pulsed avalanche energy
(note 2)
1126
mJ
E
AR
Repetitive avalanche energy
(note 1)
106
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
205
216
260
W
Derating factor above 25oC
1.6
1.7
2.1
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-263
TO-220
TO-247
R
thjc
Thermal resistance, Junction to case
0.61
0.58
0.48
oC/W
R
thja
Thermal resistance, Junction to ambient
53
35
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
TO-263
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW B 038R10ES
SW038R10ES
TO-263
TUBE
2
SW P 038R10ES
SW038R10ES
TO-220
TUBE
3
SW T 038R10ES
SW038R10ES
TO-247
TUBE
1
2
3
N-channel Enhanced mode TO-263/TO-220/TO-247 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 3.6mΩ)@VGS=10V
 Low Gate Charge (Typ 132nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:Synchronous Rectification,
Inverter , Li Battery Protect Board
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 100V
I
D
: 120A
R
DS(ON) : 3.6mΩ
1
2
3
TO-220
1
2
3
TO-247
1
2
3


Similar Part No. - SW038R10ES

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
More results

Similar Description - SW038R10ES

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW029R04ET SEMIPOWER-SW029R04ET Datasheet
615Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
SW029R06ET SEMIPOWER-SW029R06ET Datasheet
742Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
SW031R06ET SEMIPOWER-SW031R06ET Datasheet
728Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
SW055R10ET SEMIPOWER-SW055R10ET Datasheet
1Mb / 6P
N-channel Enhanced mode TO-263/TO-220 MOSFET
SW072R06ET SEMIPOWER-SW072R06ET Datasheet
1Mb / 6P
N-channel Enhanced mode TO-263/TO-220 MOSFET
SW072R08ET SEMIPOWER-SW072R08ET Datasheet
841Kb / 6P
N-channel Enhanced mode TO-263/TO-220 MOSFET
SW078R08ET SEMIPOWER-SW078R08ET Datasheet
1Mb / 6P
N-channel Enhanced mode TO-263/TO-220 MOSFET
SW090R08ET SEMIPOWER-SW090R08ET Datasheet
812Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
SW055R68E7T SEMIPOWER-SW055R68E7T Datasheet
822Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
Apr. 2019.
SW068R08ET SEMIPOWER-SW068R08ET Datasheet
859Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
Sep. 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com