Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW055R03VT Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW055R03VT
Description  N-channel Enhanced mode TO-252/TO-251/DFN3*3 MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW055R03VT Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW055R03VT Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW055R03VT Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW055R03VT Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW055R03VT Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW055R03VT Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW055R03VT Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW055R03VT Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Mar. 2017. Rev. 4.0
1/7
SW055R03VT
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-252 TO-251 DFN3*3
V
DSS
Drain to source voltage
30
V
I
D
Continuous drain current (@T
C=25
oC)
80*
A
Continuous drain current (@T
C=100
oC)
50*
A
I
DM
Drain current pulsed
(note 1)
320
A
V
GS
Gate to source voltage
± 20
V
E
AS
Single pulsed avalanche energy
(note 2)
83
mJ
E
AR
Repetitive avalanche energy
(note 1)
8
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
74
83
W
Total power dissipation (@Ta=25oC)
2.9
W
Derating factor above 25oC
0.6
0.7
0.02
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-252 TO-251 DFN3*3
R
thjc
Thermal resistance, Junction to case
1.7
1.5
oC/W
R
thja
Thermal resistance, Junction to ambient
73
43
oC/W
*. Drain current is limited by junction temperature.
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW D 055R03VT
SW055R03VT
TO-252
REEL
2
SW I 055R03VT
SW055R03VT
TO-251
TUBE
3
SW H 055R03VT
SW055R03V
DFN3*3
REEL
N-channel Enhanced mode TO-252/TO-251/DFN3*3 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 6.2mΩ)@VGS=4.5V
(Typ 4.4m
Ω)@V
GS=10V
 Low Gate Charge (Typ 25nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:DC-DC Converter,Motor Control,
Synchronous Rectification
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 30V
I
D
: 80A
R
DS(ON) : 6.2mΩ@VGS=4.5V
4.4m
Ω@V
GS=10V
G
D
S
TO-252
1
2
3
TO-251
1
2
3
DFN3*3
G(4) D(5,6,7,8)
S(1,2,3)
TO-252/TO-251:1. Gate 2. Drain 3. Source
DFN3*3: 4.Gate 5,6,7,8.Drain 1,2,3.Source
Note: R
thja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is d
efined as the solder mounting surface of the drain pins. R
thjc is guaranteed by design while Rthca is determined by the user‘s
board design. DFN3*3 R
thja : 43
oC/W on a 1 in2 pad of 2oz copper.


Similar Part No. - SW055R03VT

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW055R06E7T SEMIPOWER-SW055R06E7T Datasheet
583Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
May.2022.
More results

Similar Description - SW055R03VT

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW13N65K2 SEMIPOWER-SW13N65K2 Datasheet
722Kb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
SW15P02 SEMIPOWER-SW15P02 Datasheet
1Mb / 7P
P-channel Enhanced mode TO-251/TO-252/DFN3*3/DFN5*6 MOSFET
SW051R08ES-1 SEMIPOWER-SW051R08ES-1 Datasheet
654Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
SW110R03VT SEMIPOWER-SW110R03VT Datasheet
732Kb / 6P
N-channel Enhanced mode TO-252/DFN3*3 MOSFET
SW2N60DC SEMIPOWER-SW2N60DC Datasheet
598Kb / 6P
N-channel Enhanced mode TO-252/TO-251 MOSFET
SW4N70D SEMIPOWER-SW4N70D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220F MOSFET
SW7N65K2 SEMIPOWER-SW7N65K2 Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
SW70N10V SEMIPOWER-SW70N10V Datasheet
1,000Kb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220 MOSFET
SW80N04V SEMIPOWER-SW80N04V Datasheet
804Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com