Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW065R85VS Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW065R85VS
Description  N-channel Enhanced mode SOP-8 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW065R85VS Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW065R85VS Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW065R85VS Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW065R85VS Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW065R85VS Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW065R85VS Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW065R85VS Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Apr. 2017. Rev. 2.0
1/6
SW065R85VS
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
85
V
I
D
Continuous drain current (@T
C=25
oC)
60*
A
Continuous drain current (@T
C=100
oC)
38*
A
I
DM
Drain current pulsed
(note 1)
240
A
V
GS
Gate to source voltage
± 20
V
E
AS
Single pulsed avalanche energy
(note 2)
283
mJ
E
AR
Repetitive avalanche energy
(note 1)
14
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@Ta=25oC)
2.8
W
Derating factor above 25oC
0.02
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thja
Thermal resistance, Junction to ambient
44
oC/W
*. Drain current is limited by junction temperature.
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW K 065R85VS
SW065R85VS
SOP-8
REEL
N-channel Enhanced mode SOP-8 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 7.9mΩ)@VGS=4.5V
Low R
DS(ON) (Typ 5.8mΩ)@VGS=10V
 Low Gate Charge (Typ 65nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: Synchronous Rectification,
Li Battery Protect Board, Inverter
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 85V
I
D
: 60A
R
DS(ON) : 7.9mΩ@VGS=4.5V
5.8m
Ω@V
GS=10V
G(4)
D(5,6,7,8)
S(1,2,3)
SOP-8
Note: R
thja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is d
efined as the solder mounting surface of the drain pins. R
thjc is guaranteed by design while Rthca is determined by the user's
board design.
SOP-8 R
thja : 44
oC/W on a 1 in2 pad of 2oz copper.
D
D
D
D
G
S
S
S


Similar Part No. - SW065R85VS

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW065R68E7T SEMIPOWER-SW065R68E7T Datasheet
689Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
Aug. 2019
More results

Similar Description - SW065R85VS

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW15N04V SEMIPOWER-SW15N04V Datasheet
1,017Kb / 6P
N-channel Enhanced mode SOP-8/DFN5x6 MOSFET
SW15N06V SEMIPOWER-SW15N06V Datasheet
897Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW15P03 SEMIPOWER-SW15P03 Datasheet
856Kb / 6P
P-channel Enhanced mode SOP-8 MOSFET
SW051R85VS SEMIPOWER-SW051R85VS Datasheet
731Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW100R08VS SEMIPOWER-SW100R08VS Datasheet
564Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW125R08VS SEMIPOWER-SW125R08VS Datasheet
578Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW200R10VT SEMIPOWER-SW200R10VT Datasheet
831Kb / 7P
N-channel Enhanced mode TO-252/TO-251/SOP-8 MOSFET
SW4459 SEMIPOWER-SW4459 Datasheet
832Kb / 6P
P-channel Enhanced mode SOP-8 MOSFET
SW7960U SEMIPOWER-SW7960U Datasheet
592Kb / 6P
Dual N-channel Enhanced mode SO-8 MOSFET
SW9435 SEMIPOWER-SW9435 Datasheet
538Kb / 4P
P-channel SOP-8 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com