Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW070R08VT Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW070R08VT
Description  N-channel Enhanced mode TO-251 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW070R08VT Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW070R08VT Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW070R08VT Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW070R08VT Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW070R08VT Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW070R08VT Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW070R08VT Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Sep. 2016. Rev. 2.0
1/6
SW070R08VT
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
80
V
I
D
Continuous drain current (@T
C=25
oC)
80*
A
Continuous drain current (@T
C=100
oC)
50*
A
I
DM
Drain current pulsed
(note 1)
320
A
V
GS
Gate to source voltage
± 25
V
E
AS
Single pulsed avalanche energy
(note 2)
527
mJ
E
AR
Repetitive avalanche energy
(note 1)
21
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
219
W
Derating factor above 25oC
1.8
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
0.57
oC/W
R
thja
Thermal resistance, Junction to ambient
71.6
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW I 070R08VT
SW070R08VT
TO-251
TUBE
N-channel Enhanced mode TO-251 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 7.5mΩ)@VGS=4.5V
(Typ 6.2m
Ω)@V
GS=10V
 Low Gate Charge (Typ 88nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:Synchronous Rectification,
Li Battery Protect Board, Inverter
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 80V
I
D
: 80A
R
DS(ON) : 7.5mΩ @VGS=4.5V
6.2m
Ω @V
GS=10V
1
2
3
TO-251
1
2
3


Similar Part No. - SW070R08VT

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW072R06ET SEMIPOWER-SW072R06ET Datasheet
1Mb / 6P
N-channel Enhanced mode TO-263/TO-220 MOSFET
SW072R08ET SEMIPOWER-SW072R08ET Datasheet
841Kb / 6P
N-channel Enhanced mode TO-263/TO-220 MOSFET
SW075R06ET SEMIPOWER-SW075R06ET Datasheet
1,012Kb / 6P
N-channel Enhanced mode TO-263/TO-220 MOSFET
SW078R08ET SEMIPOWER-SW078R08ET Datasheet
1Mb / 6P
N-channel Enhanced mode TO-263/TO-220 MOSFET
More results

Similar Description - SW070R08VT

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW051R08ES-1 SEMIPOWER-SW051R08ES-1 Datasheet
654Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
SW069R06VT SEMIPOWER-SW069R06VT Datasheet
817Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
SW2N60DC SEMIPOWER-SW2N60DC Datasheet
598Kb / 6P
N-channel Enhanced mode TO-252/TO-251 MOSFET
SW4N65DB SEMIPOWER-SW4N65DB Datasheet
768Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW60N06V2 SEMIPOWER-SW60N06V2 Datasheet
847Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW70N08V SEMIPOWER-SW70N08V Datasheet
636Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW80N04V SEMIPOWER-SW80N04V Datasheet
804Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
SW80N06V1 SEMIPOWER-SW80N06V1 Datasheet
930Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
SW80N08V SEMIPOWER-SW80N08V Datasheet
727Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW80N08V1 SEMIPOWER-SW80N08V1 Datasheet
887Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com