Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW100R08VT Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW100R08VT
Description  N-channel Enhanced mode DFN5*6 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW100R08VT Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW100R08VT Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW100R08VT Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW100R08VT Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW100R08VT Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW100R08VT Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW100R08VT Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Mar. 2016. Rev. 2.0
1/6
SW100R08VT
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
80
V
I
D
Continuous drain current (@T
C=25
oC)
55*
A
Continuous drain current (@T
C=100
oC)
35*
A
I
DM
Drain current pulsed
(note 1)
220
A
V
GS
Gate to source voltage
± 20
V
E
AS
Single pulsed avalanche energy
(note 2)
251
mJ
E
AR
Repetitive avalanche energy
(note 1)
14
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
1.47
W
Derating factor above 25oC
0.01
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thja
Thermal resistance, Junction to ambient
85
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW HA 100R08VT
SW100R08VT
DFN5*6
REEL
N-channel Enhanced mode DFN5*6 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 10.0mΩ)@VGS=10V
(Typ 11.5m
Ω)@V
GS=4.5V
 Low Gate Charge (Typ 77nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:Synchronous Rectification,
Li Battery Protect Board, Inverter
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 80V
I
D
: 55A
R
DS(ON) : 10.0mΩ@VGS=10V
11.5m
Ω@V
GS=4.5V
1
2
3
DFN5*6


Similar Part No. - SW100R08VT

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW100R08VS SEMIPOWER-SW100R08VS Datasheet
564Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
More results

Similar Description - SW100R08VT

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW15P02 SEMIPOWER-SW15P02 Datasheet
1Mb / 7P
P-channel Enhanced mode TO-251/TO-252/DFN3*3/DFN5*6 MOSFET
SW026R03VT SEMIPOWER-SW026R03VT Datasheet
664Kb / 6P
N-channel Enhanced mode DFN5*6 MOSFET
SW069R06VT SEMIPOWER-SW069R06VT Datasheet
817Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
SW069R10VS SEMIPOWER-SW069R10VS Datasheet
714Kb / 7P
N-channel Enhanced mode DFN5*6/TO-251/TO-252/TO-220 MOSFET
SW35N10V SEMIPOWER-SW35N10V Datasheet
894Kb / 6P
N-channel Enhanced mode DFN5*6 MOSFET
SW40N06V SEMIPOWER-SW40N06V Datasheet
909Kb / 6P
N-channel Enhanced mode DFN5*6 MOSFET
SW60N04V SEMIPOWER-SW60N04V Datasheet
625Kb / 6P
N-channel Enhanced mode DFN5*6 MOSFET
SW80N06V1 SEMIPOWER-SW80N06V1 Datasheet
930Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
SW80N08V1 SEMIPOWER-SW80N08V1 Datasheet
887Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com