Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6201P172LB Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6201P172LB
Description  Positive Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P172LB Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6201P172LB Datasheet HTML 1Page - Torex Semiconductor XC6201P172LB Datasheet HTML 2Page - Torex Semiconductor XC6201P172LB Datasheet HTML 3Page - Torex Semiconductor XC6201P172LB Datasheet HTML 4Page - Torex Semiconductor XC6201P172LB Datasheet HTML 5Page - Torex Semiconductor XC6201P172LB Datasheet HTML 6Page - Torex Semiconductor XC6201P172LB Datasheet HTML 7Page - Torex Semiconductor XC6201P172LB Datasheet HTML 8Page - Torex Semiconductor XC6201P172LB Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
XC6201 Series
186
3
■Pin Configuration
■Pin Assignment
SOT-89
(TOP VIEW)
VSS
VIN
VOUT
3
2
1
SOT-25
(TOP VIEW)
VSS
VIN
VOUT
3
2
1
5
NC
NC
4
SOT-25
SOT-89/TO-92(T)
5VOUT
Output
2VSS
Ground
1VIN
Power Input
3
(NC)
No Connection
4
1
2
3
−
−
(NC)
No Connection
PIN NUMBER
PIN NAME
FUNCTION
TO-92(L)
2
1
3
−
−
123
TO-92(T Type)
(TOP VIEW)
VSS VIN
VOUT
■Product Classification
GOrdering Information
XC6201P erty
↑
q
↑
w
Output Voltage Accuracy
1/2
e.g.1 : ±1.0%
2 : ±2.0%
M
Package Type:SOT-25
P
:SOT-89
13∼60
R
Embossed Tape:Standard Feed
Output Voltage
e.g. 30 : 3.0V
  50 : 5.0V
L
Embossed Tape:Reverse Feed
H
Paper Type(TO-92)
B
Bag(TO-92)
r
t
y
e
q
01
Indicates the
product number
w
P
Type of
regulator 3-pin
:TO-92(Standard)
:TO-92(Custom pin configuration)
DESIGNATOR SYMBOL DESCRIPTION DESIGNATOR SYMBOL
DESCRIPTION
T
L
123
TO-92 (L Type)
(TOP VIEW)
VSS VOUT VIN
03S_01XC6201 02.9.12 2:35 PM ページ 186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com