Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS26V-R200102 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SS26V-R200102
Description  Commercial Grade, SS26V, 0.0102 H
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS26V-R200102 Datasheet(HTML) 1 Page - Kemet Corporation

  SS26V-R200102 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - e657c77d-8153-48f4-a4ba-65673794f5fa
KEMET Part Number: SS26V-R200102
(UAL26VR2001020)
Commercial Grade, SS26V, 0.0102 H
13.0 ±0.5
26.0 ±1.0
10.0 ±0.5
ø0.8
20.5 ±1.0
Marking
Size Comparison with SS28V Type
SS26V
(1.5)
(1.5)
(0.25)
(0.25)
SS28V
SS26V
SS28V
SS26V
Dimensions
L
26mm +/-1mm
T
20.5mm +/-1mm
H
30.5mm +/-1mm
S
10mm +/-0.5mm
S1
13mm +/-0.5mm
F
0.8mm NOM
Packaging Specifications
Weight: 25.9 g
General Information
Style: Through-Hole Choke
Series: SS26V
Description: Common Mode Filter
RoHS: Yes
Miscellaneous: Inductance Measurement
Condition: 1kHz 1V KC530
Notes:
Replacement For SS28V Type
And SS24V Type. Replacement
For SS28V Type And SS24V
Type
Specifications
Inductance: 10200 uH
Rated Temperature: 120C
Current: 2 mAmps (Irms, 50C Rise By
Self Heating)
Voltage AC: 250 VAC
DC Resistance: 250 mOhms
Insulation Resistance: 100 MOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - SS26V-R200102

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS26V-R200102 KEMET-SS26V-R200102 Datasheet
377Kb / 6P
SS Coils, SS26V Type
More results

Similar Description - SS26V-R200102

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS11VL-03550 KEMET-SS11VL-03550 Datasheet
76Kb / 1P
Commercial Grade, SS11VL, 0.055 H
SS11V-06180-CH KEMET-SS11V-06180-CH Datasheet
79Kb / 1P
Commercial Grade, SS11V/H-CH, 0.018 H
SS30V-R150270 KEMET-SS30V-R150270 Datasheet
120Kb / 1P
Commercial Grade, SS30V, 0.027 H
SS30V-R200132 KEMET-SS30V-R200132 Datasheet
120Kb / 1P
Commercial Grade, SS30V, 0.0132 H
SS20H-R06200 KEMET-SS20H-R06200 Datasheet
85Kb / 1P
Commercial Grade, SS20H, 0.02 H
SSR10H-11140 KEMET-SSR10H-11140 Datasheet
239Kb / 1P
KEMET, SSR10V/H, Commercial Grade, 0.014 H
SSR10V-11140 KEMET-SSR10V-11140 Datasheet
238Kb / 1P
KEMET, SSR10V/H, Commercial Grade, 0.014 H
SSR10H-10170 KEMET-SSR10H-10170 Datasheet
239Kb / 1P
KEMET, SSR10V/H, Commercial Grade, 0.017 H
SSR10V-10170 KEMET-SSR10V-10170 Datasheet
238Kb / 1P
KEMET, SSR10V/H, Commercial Grade, 0.017 H
SSR10V-05595 KEMET-SSR10V-05595 Datasheet
238Kb / 1P
KEMET, SSR10V/H, Commercial Grade, 0.0595 H
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com