Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3002ACMC Datasheet(PDF) 97 Page - Teccor Electronics

Part # P3002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3002ACMC Datasheet(HTML) 97 Page - Teccor Electronics

Back Button P3002ACMC Datasheet HTML 93Page - Teccor Electronics P3002ACMC Datasheet HTML 94Page - Teccor Electronics P3002ACMC Datasheet HTML 95Page - Teccor Electronics P3002ACMC Datasheet HTML 96Page - Teccor Electronics P3002ACMC Datasheet HTML 97Page - Teccor Electronics P3002ACMC Datasheet HTML 98Page - Teccor Electronics P3002ACMC Datasheet HTML 99Page - Teccor Electronics P3002ACMC Datasheet HTML 100Page - Teccor Electronics P3002ACMC Datasheet HTML 101Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 212 page
background image
High Speed Transmission Equipment
© 2002 Teccor Electronics
3 - 9
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Figure 3.9 HDSL Overview
Protection Circuitry
Longitudinal protection is required at both the HDSL Transceiver Unit – Central Office
(HTU-C) and HDSL Transceiver Unit – Remote (HTU-R) interfaces because of the ground
connection used with loop powering. Two P2300SC MC SIDACtor devices provide
overvoltage protection and two F1250T TeleLink fuses (one on Tip, one on Ring) provide
overcurrent protection. (Figure 3.10) For the transceiver side of the coupling transformer,
additional overvoltage protection is provided by the P0080SA SIDACtor device. The
longitudinal protection on the primary coil of the transformer is an additional design
consideration for prevention of EMI coupling and ground loop issues.
Figure 3.10 HDSL Protection
DS-1 Rate
Interface
(1.544 Mbps)
DS-1 Rate
Interface
(1.544 Mbps)
Central Office Site
Remote Site
784 kbps Full-Duplex loop
784 kbps Full-Duplex loop
< 12,000 ft, 200 kHz BW
+2.5 V signal level
2B1Q, ZO=135 W
HTU-C
HTU-R
HDSL transceiver unit
HDSL transceiver unit
P2300SC MC
P2300SC MC
F1250T
F1250T
Tip
Ring
P0080SA MC
P2300SC MC
P2300SC MC
F1250T
F1250T
Tip
Ring
P0080SA MC
TX
RX
HDSL
Transceiver
Power
Sink
HTU-C/HTU-R Interface Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com