Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RU-RUM Datasheet(PDF) 2 Page - Recom International Power

Part # RU-RUM
Description  Twin Independent Outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RU-RUM Datasheet(HTML) 2 Page - Recom International Power

  RU-RUM Datasheet HTML 1Page - Recom International Power RU-RUM Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RU Package Style and Pinning (mm)
1.27
0.25
15.24
2.0
10.20
0.51 typ.
4.10
0.51 typ.
RECOM
RU-050505
****
12
5
RECOM
RU-050505
****
6
4
19.60
Top View
Bottom View
7
2.54
1.00ø+0.15/–0
2.54
6.00
Recommended Footprint Details
SIP7 Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
1
+Vin
2
–Vin
4
+Vout 1
5
–Vout 1
6
+Vout 2
7
–Vout 2
Typical Characteristics
RU/ RUM
Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0.000
5.000
10.000
15.000
20.000
25.000
Typical Application
RU-050505
RUM-050505
Top View
12
4 5 6
1.27
0.25
12.70
1.9
16.55
0.51 typ.
4.10
7.70
RECOM
RUM-0505S
****
Bottom View
RECOM
RUM-0505O5
****
3
6.00
2.54
1.00ø+0.15/–0
2.54
0.51 typ.
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
1
+Vin
2
–Vin
3
-Vout 1
4
+Vout 1
5
-Vout 2
6
+Vout 2
Recommended Footprint Details
SIP6 Package
RUM Package Style and Pinning (mm)
Notes
Note 1
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter.
DC
DC1
DC2
Channel 1
Channel 2
Fuse
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
www.recom-power.com
E-80



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com