Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RW2 Datasheet(PDF) 1 Page - Recom International Power

Part # RW2
Description  2:1 Wide Range Voltage Input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RW2 Datasheet(HTML) 1 Page - Recom International Power

  RW2 Datasheet HTML 1Page - Recom International Power RW2 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
RW2
Part Number
Input
Rated Output Output Current
Efficiency
Max
Voltage Range
Voltage
Full Load
typ./nom Vin
Capacitive
DIP16 (Mini & SMD)
(VDC)
(VDC)
(mA)
(%)
Load(1)
RW2-053.3S (H2/H3)
4.5 - 9
3.3
500
68
4700µF
RW2-0505S (H2/H3)
4.5 - 9
5
400
73
1000µF
RW2-0512S (H2/H3)
4.5 - 9
12
166
75
1000µF
RW2-0515S (H2/H3)
4.5 - 9
15
134
75
1000µF
RW2-123.3S (H2/H3)
9 - 18
3.3
500
69
4700µF
RW2-1205S (H2/H3)
9 - 18
5
400
75
1000µF
RW2-1212S (H2/H3)
9 - 18
12
166
80
1000µF
RW2-1215S (H2/H3)
9 - 18
15
134
80
1000µF
RW2-243.3S (H2/H3)
18 - 36
3.3
500
70
4700µF
RW2-2405S (H2/H3)
18 - 36
5
400
78
1000µF
RW2-2412S (H2/H3)
18 - 36
12
166
83
1000µF
RW2-2415S (H2/H3)
18 - 36
15
134
83
1000µF
RW2-483.3S (H2/H3)
36 - 72
3.3
500
73
4700µF
RW2-4805S (H2/H3)
36 - 72
5
400
76
1000µF
RW2-4812S (H2/H3)
36 - 72
12
166
81
1000µF
RW2-4815S (H2/H3)
36 - 72
15
134
81
1000µF
RW2-0505D (H2/H3)
4.5 - 9
±5
±200
73
±680µF
RW2-0509D (H2/H3)
4.5 - 9
±9
±111
74
±680µF
RW2-0512D (H2/H3)
4.5 - 9
±12
±83
75
±680µF
RW2-0515D (H2/H3)
4.5 - 9
±15
±67
75
±680µF
RW2-1205D (H2/H3)
9 - 18
±5
±200
75
±680µF
RW2-1209D (H2/H3)
9 - 18
±9
±111
78
±680µF
RW2-1212D (H2/H3)
9 - 18
±12
±83
80
±680µF
RW2-1215D (H2/H3)
9 - 18
±15
±67
80
±680µF
RW2-2405D (H2/H3)
18 - 36
±5
±200
78
±680µF
RW2-2409D (H2/H3)
18 - 36
±9
±111
81
±680µF
RW2-2412D (H2/H3)
18 - 36
±12
±83
83
±680µF
RW2-2415D (H2/H3)
18 - 36
±15
±67
83
±680µF
RW2-4805D (H2/H3)
36 - 72
±5
±200
78
±680µF
RW2-4809D (H2/H3)
36 - 72
±9
±111
81
±680µF
RW2-4812D (H2/H3)
36 - 72
±12
±83
83
±680µF
RW2-4815D (H2/H3)
36 - 72
±15
±67
83
±680µF
Standard Isolation is 1kVDC. Add suffix “/H2” for 2kVDC Isolation, “/H3” for 3kVDC Isolation.
Add no suffix for standard case style, “/SMD” for SMD package or “/B” for smaller case size
e.g. RW2-0505S/H3, RW2-0505D/H2/SMD or RW2-0505S/B
Notes
Note 1:
Maximum capacitive load is defined as the capacitive load that will allow start up in
under 1second without damage to the converter
Note 2:
The RW2 series requires a minimum of 10% load on the output to maintain specified
regulation. Operating under no-load conditions will not damage these devices; however,
they may not meet all listed specifications.
2 Watt
DIP16, Mini
DIP16 & SMD
Single & Dual
Output
● 2:1 Wide Range Voltage Input
● 1kVDC, 2kVDC and 3kVDC Isolation
● Approved for Medical Applications
● Continuous Short Circuit Protection
● Low Ripple and Noise
● DIP16, mini DIP16 and SMD Cases Styles
● Efficiency to 83 %
Features
Regulated
Converters
Selection Guide
100
60
20
40
95
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
Derating-Graph
(Ambient Temperature)
Description
High power-density, 2:1 input voltage range and a wide temperature range of -40°C to +85°C
are just some of the characteristics of this versatile DIP16 converter, ideal for highly
sophisticated industrial and medical designs where a regulated converter is required but
space is at a premium. Three different case styles and isolation options are available.
EN-60950-1 Certified
(All Suffixes)
EN-60601-1 Certified*
(*/H suffix)
Refer to Application Notes
RoHS
2011/65/EU
6/6
REV: 0/2015
E-129
www.recom-power.com


Similar Part No. - RW2

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RW2 KOA-RW2 Datasheet
285Kb / 2P
coat insulated miniature precision power wirewound resistors
logo
List of Unclassifed Man...
RW2 ETC-RW2 Datasheet
832Kb / 1P
WIRE WOUND RESISTORS
logo
Recom International Pow...
RW2-0505D RECOM-RW2-0505D Datasheet
102Kb / 2P
2 Watt DIP16 & SMD Single & Dual Output
RW2-0505D RECOM-RW2-0505D Datasheet
114Kb / 2P
2 Watt DIP16,Mini DIP16 & SMD Single & Dual Output
RW2-0505DH2 RECOM-RW2-0505DH2 Datasheet
102Kb / 2P
2 Watt DIP16 & SMD Single & Dual Output
More results

Similar Description - RW2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
4:1 Wide Input Voltage Range
RSE RECOM-RSE Datasheet
371Kb / 5P
2:1 Wide Input Range
RSOE RECOM-RSOE Datasheet
380Kb / 5P
2:1 Wide Input Range
logo
Total Power Internation...
MKW1000 TOTAL-POWER-MKW1000_17 Datasheet
483Kb / 4P
Wide 2:1 Input Range
MKW2500 TOTAL-POWER-MKW2500_17 Datasheet
439Kb / 5P
Wide 2:1 Input Range
MKW3000 TOTAL-POWER-MKW3000_17 Datasheet
758Kb / 5P
Wide 2:1 Input Range
MKW5000 TOTAL-POWER-MKW5000_17 Datasheet
496Kb / 5P
Wide 2:1 Input Range
logo
Wall Industries,Inc.
RGW3 WALL-RGW3 Datasheet
376Kb / 6P
2:1 Wide Input Voltage Range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com