Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RW2-0505S Datasheet(PDF) 2 Page - Recom International Power

Part # RW2-0505S
Description  2:1 Wide Range Voltage Input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RW2-0505S Datasheet(HTML) 2 Page - Recom International Power

  RW2-0505S Datasheet HTML 1Page - Recom International Power RW2-0505S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input Voltage Range
2:1
Output Accuracy
±2% typ.
Line Voltage Regulation
±0.5% max.
Load Voltage Regulation
(20% to 100% full load)
±0.5% typ.
Minimum Load
10% (2)
Output Ripple and Noise (20MHz limited)
50mVp-p max.
Switching Frequency (at full Load)
100kHz min. / 700kHz max.
Efficiency at Full Load
70% min. / 80% typ.
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute*)
500VAC / 60Hz
H2-Suffix
(tested for 1 second)
2000VDC
(rated for 1 minute*)
1000VAC / 60Hz
H3-Suffix
(tested for 1 second)
3000VDC
(rated for 1 minute*)
1500VAC / 60Hz
Isolation Capacitance
30pF max.
Isolation Resistance
1G
Ω min.
Short Circuit Protection
Continuous
Operating Temperature Range
–40°C to +85°C (see Graph)
Storage Temperature Range
–55°C to +125°C
Case Temperature
100°C max.
Relative Humidity
95% RH
Package Weight
6.4g
Packing Quantity
Case Style A, SMD
20 pcs per tube
Case Style B
22 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
4366 x10³ hours
(+85°C)
using MIL-HDBK 217F
658 x10³ hours
14.50
7 8
10 9
16
1
24.2
16.9 ±0.2
4.60
Bottom View
7 x 2.54
0.50
9.70
2.54
Top View
2.54
14.50
15.24
2.54
1.00 dia.
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.35 mm
Package Style and Pinning (mm)
Pin Connections (All Case Styles)
Pin #
Single
Dual
1
–Vin
–Vin
7
NC
NC
8
NC
Com
9
+Vout
+Vout
10
–Vout
–Vout
16
+Vin
+Vin
Electrical Specifications (measured at T
A = 25°C, at nominal input voltage and rated output current unless otherwise specified)
RW2
Series
ECONOLINE
DC/DC-Converter
} ForDetailedInformationsee
Application Notes chapter "MTBF"
14.50
7 8
10 9
16
1
1
24.2
18.55
9.70
Bottom View
7 x 2.54
Pin area 0.1 x 0.50
0.50
10.20
2.54
17.24
17.78
19.27
1.54
2.03
Top View
2.54
16.0
16 Pin DIP Package
16 Pin SMD Package
Case Style A
SMD Case Style
12.55
7 8
10 9
16
1
22.1
10.16
4.00
Bottom View
7 x 2.54
8.50
2.54
Top View
2.54
12.55
15.24
2.54
1.00 dia.
10.16
Case Style B
Recommended Footprint Details
16 Pin Mini-DIP Package
Recommended Pad Details
Certifications
EN General Safety Report: SPCLVD1212007
EN60950-1:2006 + A12:2011
EN Medical Safety Report: MDD1205098-3 + RM1205098-3
IEC/EN 60601-1 3rd Edition Medical Report + ISO14971 Risk Assessment
**Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer to our Application Notes.
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
www.recom-power.com
E-130



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com