Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1N60DC Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW1N60DC
Description  N-channel Enhanced mode TO-252/SOT-223 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW1N60DC Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW1N60DC Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW1N60DC Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW1N60DC Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW1N60DC Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW1N60DC Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW1N60DC Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Jun. 2016. Rev. 4.0
1/6
SW1N60DC
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-252
SOT-223
V
DSS
Drain to source voltage
600
V
I
D
Continuous drain current (@T
C=25
oC)
1*
A
Continuous drain current (@T
C=100
oC)
0.6*
A
I
DM
Drain current pulsed
(note 1)
4
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
50
mJ
E
AR
Repetitive avalanche energy
(note 1)
5
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
52
9.26
W
Derating factor above 25oC
0.4
0.07
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-252
SOT-223
R
thjc
Thermal resistance, Junction to case
2.4
13.5
oC/W
R
thja
Thermal resistance, Junction to ambient
100
110
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
TO-252
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW D 1N60DC
SW1N60DC
TO-252
REEL
2
SW SA 1N60DC
SW1N60DC
SOT-223
REEL
1
2
3
N-channel Enhanced mode TO-252/SOT-223 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 7Ω)@VGS=10V
 Low Gate Charge (Typ6.3 nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:Charge,Adaptor,LED
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 600V
I
D
: 1A
R
DS(ON) : 7Ω
1
2
3
1
2
3
SOT-223


Similar Part No. - SW1N60DC

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW1N60D SEMIPOWER-SW1N60D Datasheet
663Kb / 6P
N-channel I-PAK/TO-92 MOSFET
More results

Similar Description - SW1N60DC

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW2N40D SEMIPOWER-SW2N40D Datasheet
909Kb / 6P
N-channel Enhanced mode TO-92/SOT-223 MOSFET
SW4N40D SEMIPOWER-SW4N40D Datasheet
671Kb / 6P
N-channel Enhanced mode SOT-223 MOSFET
SW4N40DC SEMIPOWER-SW4N40DC Datasheet
779Kb / 6P
N-channel Enhanced mode TO-251S/TO-252 MOSFET
SW5N65K SEMIPOWER-SW5N65K Datasheet
836Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW20N20D SEMIPOWER-SW20N20D Datasheet
639Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW50N06V2 SEMIPOWER-SW50N06V2 Datasheet
593Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW7N60K2F SEMIPOWER-SW7N60K2F Datasheet
647Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW9N10V SEMIPOWER-SW9N10V Datasheet
839Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW9N10V1 SEMIPOWER-SW9N10V1 Datasheet
558Kb / 5P
N-channel Enhanced mode TO-252 MOSFET
SW065R68E7T SEMIPOWER-SW065R68E7T Datasheet
689Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
Aug. 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com