Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1N90U Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW1N90U
Description  N-channel Enhancement mode TO-251 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW1N90U Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW1N90U Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW1N90U Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW1N90U Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW1N90U Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW1N90U Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW1N90U Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2015. Rev. 2.0
1/6
SW1N90U
N-channel Enhancement mode TO-251 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDSS
Drain to Source Voltage
900
V
ID
Continuous Drain Current (@TC=25oC)
1*
A
Continuous Drain Current (@TC=100oC)
0.63*
A
IDM
Drain current pulsed
(note 1)
4
A
VGS
Gate to Source Voltage
±30
V
EAS
Single pulsed Avalanche Energy
(note 2)
80
mJ
EAR
Repetitive Avalanche Energy
(note 1)
14
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
PD
Total power dissipation (@TC=25oC)
83
W
Derating Factor above 25oC
0.7
W/oC
TSTG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
TL
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
Rthjc
Thermal resistance, Junction to case
1.5
oC/W
Rthcs
Thermal resistance, Case to Sink
0.5
oC/W
Rthja
Thermal resistance, Junction to ambient
98
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 900V
I
D
: 1A
R
DS(ON) : 11.7
Ω
1. Gate 2. Drain 3. Source
1
2
3
2 3
TO-251
Item
Sales Type
Marking
Package
Packaging
1
SW I 1N90U
SW1N90U
TO-251
TUBE
Order Codes
Features
 High ruggedness
 R
DS(ON) (Typ 11.7Ω)@VGS=10V
 Gate Charge (Typ 7nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:LED,Charger
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
1


Similar Part No. - SW1N90U

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW1N55D SEMIPOWER-SW1N55D Datasheet
537Kb / 5P
N-channel IPAK MOSFET
SW1N60 SEMIPOWER-SW1N60 Datasheet
737Kb / 7P
N-channel MOSFET
logo
VBsemi Electronics Co.,...
SW1N60 VBSEMI-SW1N60 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
Xian Semipower Electron...
SW1N60A SEMIPOWER-SW1N60A Datasheet
719Kb / 7P
N-channel MOSFET
SW1N60C SEMIPOWER-SW1N60C Datasheet
742Kb / 7P
N-channel D-PAK/I-PAK/TO-92 MOSFET
More results

Similar Description - SW1N90U

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW051R08ES-1 SEMIPOWER-SW051R08ES-1 Datasheet
654Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
SW070R08VT SEMIPOWER-SW070R08VT Datasheet
646Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW2N60DC SEMIPOWER-SW2N60DC Datasheet
598Kb / 6P
N-channel Enhanced mode TO-252/TO-251 MOSFET
SW4N60DC SEMIPOWER-SW4N60DC Datasheet
638Kb / 6P
N-channel Enhancement mode TO-251/TO-252MOSFET
SW4N65DB SEMIPOWER-SW4N65DB Datasheet
768Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW4N70K SEMIPOWER-SW4N70K Datasheet
744Kb / 6P
N-channel Enhancement mode TO-220F/TO-251/TO-252 MOSFET
SW30N06U SEMIPOWER-SW30N06U Datasheet
719Kb / 6P
N-channel Enhancement mode TO-251/TO-252MOSFET
SW60N06V2 SEMIPOWER-SW60N06V2 Datasheet
847Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW70N08V SEMIPOWER-SW70N08V Datasheet
636Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW80N08V SEMIPOWER-SW80N08V Datasheet
727Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com