Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2N40D Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW2N40D
Description  N-channel Enhanced mode TO-92/SOT-223 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW2N40D Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW2N40D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW2N40D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW2N40D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW2N40D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW2N40D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW2N40D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
SW2N40D
Jun. 2016. Rev. 3.0
1/6
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-92
SOT-223
V
DSS
Drain to source voltage
400
V
I
D
Continuous drain current (@T
C=25
oC)
2*
A
Continuous drain current (@T
C=100
oC)
1.2*
A
I
DM
Drain current pulsed
(note 1)
8
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
40
mJ
E
AR
Repetitive avalanche energy
(note 1)
5
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
1.1
6.3
W
Derating factor above 25oC
0.009
0.05
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-92
SOT-223
R
thjc
Thermal resistance, Junction to case
32.8
20
oC/W
R
thja
Thermal resistance, Junction to ambient
111
oC/W
*. Drain current is limited by junction temperature.
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SWC 2N40D
SW2N40D
TO-92
TAPE
2
SW SA 2N40D
SW2N40D
SOT-223
REEL
N-channel Enhanced mode TO-92/SOT-223 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 2.8Ω)@VGS=10V
 Low Gate Charge (Typ 7nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:DC-DC,LED
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 400V
I
D
: 2A
R
DS(ON) : 2.8Ω
1
2
3
1. Gate 2. Drain 3. Source
TO-92
SOT-223
1
2
3
1
2
3


Similar Part No. - SW2N40D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW2N40DC SEMIPOWER-SW2N40DC Datasheet
613Kb / 6P
N-channel Enhanced mode TO-251S/TO-252 MOSFET
More results

Similar Description - SW2N40D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1LNK60Z-1 STMICROELECTRONICS-STD1LNK60Z-1 Datasheet
657Kb / 14P
N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
07-Sep-2005
STN1HNK60 STMICROELECTRONICS-STN1HNK60 Datasheet
485Kb / 15P
N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
22-Nov-2004
logo
Microsemi Corporation
STD1LNK60Z-1 MICROSEMI-STD1LNK60Z-1_06 Datasheet
732Kb / 14P
N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
logo
STMicroelectronics
STD1NK60 STMICROELECTRONICS-STD1NK60_08 Datasheet
429Kb / 15P
N-CHANNEL 600V - 8Ω - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
14-Feb-2006
logo
Xian Semipower Electron...
SW1N60DC SEMIPOWER-SW1N60DC Datasheet
926Kb / 6P
N-channel Enhanced mode TO-252/SOT-223 MOSFET
SW2N7002 SEMIPOWER-SW2N7002 Datasheet
621Kb / 5P
N-channel Enhanced mode SOT-23 MOSFET
SW4N40D SEMIPOWER-SW4N40D Datasheet
671Kb / 6P
N-channel Enhanced mode SOT-223 MOSFET
SW3406 SEMIPOWER-SW3406 Datasheet
836Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
SW3416J SEMIPOWER-SW3416J Datasheet
834Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
SWVS22 SEMIPOWER-SWVS22 Datasheet
823Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com