Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2AF Datasheet(PDF) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # S2AF
Description  Surface Mount Standard Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

S2AF Datasheet(HTML) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  S2AF Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. S2AF Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. S2AF Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
SMAF
Marking
Type number
Marking code
S2AF
S2BF
S2DF
S2GF
S2JF
S2KF
S2MF
S2A
S2B
S2D
S2G
S2J
S2K
S2M
The recommended mounting pad size
Unit:mm(mil)
2.8(110)
1.6(63)
1.6(63)
S2AF THRU S2MF
Surface Mount Standard Rectifiers
http://www.trr-jx.com
∠ALL ROUND
V
A
M
UNIT
mm
1.2
0.23
3.7
2.7
4.9
0.9
0.18
3.3
2.4
4.4
7°
max
min
mil
max
min
47
35.4
9.1
7.1
146
130
106
94
193
173
A
C
D
E
HE
∠
1.6
1.3
63
51
e
Bottom View
HE
g
Top View
1.3
1.0
51
39
g
g
∠ALL ROUND
D
A
E



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com