Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2N60DC Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW2N60DC
Description  N-channel Enhanced mode TO-252/TO-251 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW2N60DC Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW2N60DC Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW2N60DC Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW2N60DC Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW2N60DC Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW2N60DC Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW2N60DC Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2015. Rev. 2.0
1/6
SW2N60DC
N-channel Enhanced mode TO-252/TO-251 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-252
TO-251
VDSS
Drain to source voltage
600
V
ID
Continuous drain current (@TC=25oC)
2*
A
Continuous drain current (@TC=100oC)
1.26*
A
IDM
Drain current pulsed
(note 1)
8
A
VGS
Gate to source voltage
±30
V
EAS
Single pulsed avalanche energy
(note 2)
80
mJ
EAR
Repetitive avalanche energy
(note 1)
12
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
PD
Total power dissipation (@TC=25oC)
78
78
W
Derating factor above 25oC
0.6
0.6
W/oC
TSTG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
TL
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-252
TO-251
Rthjc
Thermal resistance, Junction to case
1.6
1.6
oC/W
Rthja
Thermal resistance, Junction to ambient
79
86.6
oC/W
*. Drain current is limited by junction temperature.
BV
DSS :600V
I
D
: 2A
R
DS(ON)
: 3.9Ω
1. Gate 2. Drain 3. Source
TO-252
TO-251
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW D 2N60DC
SW2N60DC
TO-252
REEL
2
SW I 2N60DC
SW2N60DC
TO-251
TUBE
1
2
3
1
2
3
Features
 High ruggedness
 Low R
DS(ON) (Typ 3.9Ω)@VGS=10V
 Low Gate Charge (Typ9.5nC)
 Improved dv/dt Capability
 100% Avalanche Tested
Application:Charge,Adaptor,LED
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.


Similar Part No. - SW2N60DC

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW2N60D SEMIPOWER-SW2N60D Datasheet
767Kb / 6P
N-channel I-PAK/D-PAK/TO220F MOSFET
More results

Similar Description - SW2N60DC

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW13N65K2 SEMIPOWER-SW13N65K2 Datasheet
722Kb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
SW051R08ES-1 SEMIPOWER-SW051R08ES-1 Datasheet
654Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
SW055R03VT SEMIPOWER-SW055R03VT Datasheet
701Kb / 7P
N-channel Enhanced mode TO-252/TO-251/DFN3*3 MOSFET
SW3N90U SEMIPOWER-SW3N90U Datasheet
887Kb / 7P
N-channel Enhanced mode TO-251/TO-251M/TO-252 MOSFET
SW4N70D SEMIPOWER-SW4N70D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220F MOSFET
SW200R10VT SEMIPOWER-SW200R10VT Datasheet
831Kb / 7P
N-channel Enhanced mode TO-252/TO-251/SOP-8 MOSFET
SW7N65K2 SEMIPOWER-SW7N65K2 Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
SW70N10V SEMIPOWER-SW70N10V Datasheet
1,000Kb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220 MOSFET
SW80N04V SEMIPOWER-SW80N04V Datasheet
804Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com