Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2N65D Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW2N65D
Description  N-channel Enhanced mode TO-220FMOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW2N65D Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW2N65D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW2N65D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW2N65D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW2N65D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW2N65D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW2N65D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2015. Rev. 2.0
1/6
N-channel Enhanced mode TO-220F MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDSS
Drain to source voltage
650
V
ID
Continuous drain current (@TC=25oC)
2*
A
Continuous drain current (@TC=100oC)
1.3*
A
IDM
Drain current pulsed
(note 1)
8
A
VGS
Gate to source voltage
±30
V
EAS
Single pulsed avalanche energy
(note 2)
80
mJ
EAR
Repetitive avalanche energy
(note 1)
11
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
PD
Total power dissipation (@TC=25oC)
17.45
W
Derating factor above 25oC
0.14
W/oC
TSTG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
TL
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
Rthjc
Thermal resistance, Junction to case
7.16
oC/W
Rthja
Thermal resistance, Junction to ambient
49.8
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 650V
I
D
: 2A
R
DS(ON)
: 3.9Ω
1. Gate 2. Drain 3. Source
SW2N65D
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW F 2N65D
SW2N65D
TO-220F
TUBE
TO-220F
2
1
3
Features
 High ruggedness
 Low R
DS(ON) (Typ 3.9Ω)@VGS=10V
 Low Gate Charge (Typ 9nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:Adapter,LED
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.


Similar Part No. - SW2N65D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW2N65 SEMIPOWER-SW2N65 Datasheet
755Kb / 7P
N-channel MOSFET
SW2N65K SEMIPOWER-SW2N65K Datasheet
805Kb / 6P
N-channel Enhanced mode TO-251N/TO-252 MOSFET
More results

Similar Description - SW2N65D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW5N65K SEMIPOWER-SW5N65K Datasheet
836Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW6N60K SEMIPOWER-SW6N60K Datasheet
618Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW18N60D SEMIPOWER-SW18N60D Datasheet
651Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW20N70K SEMIPOWER-SW20N70K Datasheet
703Kb / 1P
N-channel Enhanced mode TO-220FMOSFET
SW6N70A SEMIPOWER-SW6N70A Datasheet
593Kb / 6P
N-channel Enhanced mode TO-251MOSFET
SW6N70D SEMIPOWER-SW6N70D Datasheet
630Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW8N65A1 SEMIPOWER-SW8N65A1 Datasheet
551Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW13N65D SEMIPOWER-SW13N65D Datasheet
824Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
Jan. 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com