Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2N7002 Datasheet(PDF) 2 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW2N7002
Description  N-channel Enhanced mode SOT-23 MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW2N7002 Datasheet(HTML) 2 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW2N7002 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW2N7002 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW2N7002 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW2N7002 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW2N7002 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Jun. 2016. Rev. 3.0
2/5
SW2N7002
Electrical characteristic ( T
C = 25
oC unless otherwise specified )
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Off characteristics
BV
DSS
Drain to source breakdown voltage
V
GS=0V, ID=250uA
60
V
I
DSS
Drain to source leakage current
V
DS=60V, VGS=0V
1
uA
V
DS=48V, TC=125
oC
50
uA
I
GSS
Gate to source leakage current, forward
V
GS=10V, VDS=0V
500
nA
V
GS=20V, VDS=0V
10
uA
Gate to source leakage current, reverse
V
GS=-10V, VDS=0V
-500
nA
V
GS=-20V, VDS=0V
-10
uA
On characteristics (note 3)
V
GS(TH)
Gate threshold voltage
V
DS=VGS, ID=250uA
1.0
2.5
V
R
DS(ON)
Drain to source on state resistance
V
GS=5V, ID = 0.4A
2.3
3
V
GS=10V, ID = 0.5A
1.75
2
G
fs
Forward transconductance
V
DS = 10 V, ID = 0.2 A
0.3
S
Dynamic characteristics(note 4)
C
iss
Input capacitance
V
GS=0V, VDS=25V, f=1MHz
36
pF
C
oss
Output capacitance
18
C
rss
Reverse transfer capacitance
3
t
d(on)
Turn on delay time
V
DS=30V, VGS=10V , ID=0.2A
R
G=10Ω
13
ns
t
r
Rising time
25
t
d(off)
Turn off delay time
46
t
f
Fall time
29
Q
g
Total gate charge
V
DS=10V, VGS=4.5V, ID=0.3A
1.7
nC
Source to drain diode ratings characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
S
Continuous source current
Integral reverse p-n Junction
diode in the MOSFET
0.2
A
I
SM
Pulsed source current
0.8
A
V
SD
Diode forward voltage drop.
I
S=0.2A, VGS=0V
1.4
V
※. Notes
1.
Repeatitive rating : pulse width limited by junction temperature.
2.
Surface Mounted on FR4 Board,t ≤ 2%.
3.
Pulse Test : Pulse Width ≤ 300us, duty cycle ≤ 2%
4.
Guaranteed by design,not subject to production.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com