Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4N40D Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW4N40D
Description  N-channel Enhanced mode SOT-223 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW4N40D Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW4N40D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW4N40D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW4N40D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW4N40D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW4N40D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW4N40D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
SW4N40D
Jun. 2016. Rev. 2.0
1/6
N-channel Enhanced mode SOT-223 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
400
V
I
D
Continuous drain current (@T
C=25
oC)
4*
A
Continuous drain current (@T
C=100
oC)
2.5*
A
I
DM
Drain current pulsed
(note 1)
16
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
136
mJ
E
AR
Repetitive avalanche energy
(note 1)
20
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
6.3
W
Derating factor above 25oC
0.05
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
20
oC/W
R
thja
Thermal resistance, Junction to ambient
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 400V
I
D
: 4A
R
DS(ON) : 1.4Ω
1. Gate 2. Drain 3. Source
SOT-223
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW SA 4N40D
SW4N40D
SOT-223
REEL
1
2
3
Features
 High ruggedness
 Low R
DS(ON) (Typ 1.4Ω)@VGS=10V
 Low Gate Charge (Typ 8.5nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:Charge, Adaptor, LED
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.


Similar Part No. - SW4N40D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW4N40DC SEMIPOWER-SW4N40DC Datasheet
779Kb / 6P
N-channel Enhanced mode TO-251S/TO-252 MOSFET
More results

Similar Description - SW4N40D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1NB80 STMICROELECTRONICS-STN1NB80 Datasheet
87Kb / 8P
N - CHANNEL 800V - 16 ohm - 0.2A - SOT-223 PowerMESH] MOSFET
Nov-1999
logo
ON Semiconductor
NTF3055-160 ONSEMI-NTF3055-160 Datasheet
55Kb / 8P
Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223
July, 2001 ??Rev. 0
logo
STMicroelectronics
STN2NE10L STMICROELECTRONICS-STN2NE10L_07 Datasheet
235Kb / 12P
N-channel 100V - 0.33??-2A - SOT-223
01-Feb-2007
logo
Xian Semipower Electron...
SW1N60DC SEMIPOWER-SW1N60DC Datasheet
926Kb / 6P
N-channel Enhanced mode TO-252/SOT-223 MOSFET
SW2N40D SEMIPOWER-SW2N40D Datasheet
909Kb / 6P
N-channel Enhanced mode TO-92/SOT-223 MOSFET
SW2N7002 SEMIPOWER-SW2N7002 Datasheet
621Kb / 5P
N-channel Enhanced mode SOT-23 MOSFET
SW417J SEMIPOWER-SW417J Datasheet
764Kb / 6P
P-channel Enhanced mode SOT-23 MOSFET
SW3406 SEMIPOWER-SW3406 Datasheet
836Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
SW3416J SEMIPOWER-SW3416J Datasheet
834Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
SWVS22 SEMIPOWER-SWVS22 Datasheet
823Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com