Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4N60DA Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW4N60DA
Description  N-channel Enhanced mode TO-252/TO-220F/TO-251S MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW4N60DA Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW4N60DA Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW4N60DA Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW4N60DA Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW4N60DA Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW4N60DA Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW4N60DA Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW4N60DA Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2015. Rev. 2.0
1/7
SW4N60DA
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-252 TO-220F TO-251S
VDSS
Drain to source voltage
600
V
ID
Continuous drain current (@TC=25oC)
4*
A
Continuous drain current (@TC=100oC)
2.5*
A
IDM
Drain current pulsed
(note 1)
16
A
VGS
Gate to source voltage
±30
V
EAS
Single pulsed avalanche energy
(note 2)
171.2
mJ
EAR
Repetitive avalanche energy
(note 1)
24.3
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
PD
Total power dissipation (@TC=25oC)
109.6
18.9
140.2
W
Derating factor above 25oC
0.88
0.15
0.83
W/oC
TSTG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
TL
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-252 TO-220F TO-251S
Rthjc
Thermal resistance, Junction to case
1.14
6.6
1.2
oC/W
Rthja
Thermal resistance, Junction to ambient
91.3
55
93
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
TO-252
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW D 4N60DA
SW4N60DA
TO-252
REEL
2
SW F 4N60DA
SW4N60DA
TO-220F
TUBE
3
SW SI 4N60DA
SW4N60DA
TO-251S
TUBE
1
2
3
N-channel Enhanced mode TO-252/TO-220F/TO-251S MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ3.35Ω)@VGS=10V
 Low Gate Charge (Typ 9.6nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:DC-DC,LED
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 600V
I
D
: 4A
R
DS(ON)
: 3.35Ω
1
2
3
1
2
3
1
2
3
TO-220F
TO-251S


Similar Part No. - SW4N60DA

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW4N60D SEMIPOWER-SW4N60D Datasheet
682Kb / 6P
N-channel TO-220F/I-PAKN/D-PAK MOSFET
SW4N60DC SEMIPOWER-SW4N60DC Datasheet
638Kb / 6P
N-channel Enhancement mode TO-251/TO-252MOSFET
More results

Similar Description - SW4N60DA

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N70K SEMIPOWER-SW10N70K Datasheet
1Mb / 6P
N-channel Enhanced mode TO-220F/TO-252 MOSFET
SW2N40DC SEMIPOWER-SW2N40DC Datasheet
613Kb / 6P
N-channel Enhanced mode TO-251S/TO-252 MOSFET
SW4N40DC SEMIPOWER-SW4N40DC Datasheet
779Kb / 6P
N-channel Enhanced mode TO-251S/TO-252 MOSFET
SW4N70D SEMIPOWER-SW4N70D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220F MOSFET
SW4N80K SEMIPOWER-SW4N80K Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
SW7N65K2 SEMIPOWER-SW7N65K2 Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
SW8N70K SEMIPOWER-SW8N70K Datasheet
776Kb / 6P
N-channel Enhanced mode TO-220F/TO-252 MOSFET
SW9N50D SEMIPOWER-SW9N50D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-220/TO-252 MOSFET
SW4N70L SEMIPOWER-SW4N70L Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
Mar. 2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com