Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4N65DC Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW4N65DC
Description  N-channel Enhanced mode TO-251/TO-251N-S2 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW4N65DC Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW4N65DC Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW4N65DC Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW4N65DC Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW4N65DC Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW4N65DC Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW4N65DC Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2016. Rev. 3.0
1/6
SW4N65DC
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-251
TO-251N-S2
V
DSS
Drain to source voltage
650
V
I
D
Continuous drain current (@T
C=25
oC)
4*
A
Continuous drain current (@T
C=100
oC)
2.5*
A
I
DM
Drain current pulsed
(note 1)
16
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
184
mJ
E
AR
Repetitive avalanche energy
(note 1)
30
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
147
147
W
Derating factor above 25oC
1.18
1.18
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-251
TO-251N-S2
R
thjc
Thermal resistance, Junction to case
0.85
0.85
oC/W
R
thja
Thermal resistance, Junction to ambient
90
90
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW I 4N65DC
SW4N65DC
TO-251
TUBE
2
SW NC4N65DC
SW4N65DC
TO-251N-S2
TUBE
N-channel Enhanced mode TO-251/TO-251N-S2 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 1.95Ω)@VGS=10V
 Low Gate Charge (Typ 17nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: Charger,TV-POWER
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 650V
I
D
: 4A
R
DS(ON) : 1.95Ω
1
2
3
TO-251
1
2
3
TO-251N-S2
1
2
3


Similar Part No. - SW4N65DC

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW4N65DA SEMIPOWER-SW4N65DA Datasheet
735Kb / 6P
N-channel Enhanced mode TO-220F/TO-251N/TO-252/TO-251NX-S4 MOSFET
SW4N65DB SEMIPOWER-SW4N65DB Datasheet
768Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW4N65DD SEMIPOWER-SW4N65DD Datasheet
725Kb / 6P
N-channel Enhanced mode TO-251N/TO-251N-S2/TO-220F/TO-220SF MOSFET
More results

Similar Description - SW4N65DC

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW070R08VT SEMIPOWER-SW070R08VT Datasheet
646Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW2N65K SEMIPOWER-SW2N65K Datasheet
805Kb / 6P
N-channel Enhanced mode TO-251N/TO-252 MOSFET
SW4N65DD SEMIPOWER-SW4N65DD Datasheet
725Kb / 6P
N-channel Enhanced mode TO-251N/TO-251N-S2/TO-220F/TO-220SF MOSFET
SW4N70D1 SEMIPOWER-SW4N70D1 Datasheet
604Kb / 6P
N-channel Enhanced mode TO-251S/TO-251N/TO-251N-S2 MOSFET
SW4N80D SEMIPOWER-SW4N80D Datasheet
762Kb / 6P
N-channel Enhanced mode TO-220F/TO-251N MOSFET
SW5N70K SEMIPOWER-SW5N70K Datasheet
684Kb / 6P
N-channel Enhanced mode TO-251N MOSFET
SW60N06V2 SEMIPOWER-SW60N06V2 Datasheet
847Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW7N65D SEMIPOWER-SW7N65D Datasheet
724Kb / 7P
N-channel Enhanced mode TO-220/TO-251/TO-251N/TO-252/TO-220F MOSFET
SW70N08V SEMIPOWER-SW70N08V Datasheet
636Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW80N08V SEMIPOWER-SW80N08V Datasheet
727Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com