Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA Datasheet(PDF) 1 Page - Artesyn Technologies

Part # ASA
Description  Encapsulated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ASA Datasheet(HTML) 1 Page - Artesyn Technologies

  ASA Datasheet HTML 1Page - Artesyn Technologies ASA Datasheet HTML 2Page - Artesyn Technologies ASA Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
ASA Series
6 Watts
Total Power: 6Watts
Input Voltage:12V,24Vor48V
# of Outputs: Single,Dual
Special featureS
ƒ
Encapsulated
ƒ
Wide 4:1 input range
ƒ
1.25” x 0.8” DIP package
ƒ
1500 Vdc I/O isolation
ƒ
Single and Dual output
Safety
ƒ
UL 60950-1
ƒ
CE Mark
Electrical Specifications
Input
Input range:
9 to 36 VDC; 18 to 75 VDC
Efficiency2:
81% @ 5 Vo
Output
Voltage tolerance:
±2.0%
Line regulation:
±0.5%
Load regulation:
Single output: 1% @ 3.3 Vo
Other: ±0.5%
Dual output: ±3.0%
Noise/ripple:
3.3 Vo, 5 Vo: 100 mV
12 Vo: 120 mV
15 Vo: 150 mV
Short circuit protection:
Auto-restart
Switching frequency:
250 KHz
Temperature coefficient:
±0.02 /°C
Isolation
I/O isolation
1500 VDC min.
Insulation resistance:
10 Mohm
Insulation capacitance:
1000 pF
Data Sheet
Environmental Specifications
Operating ambient temperature range:
-40 °C to +71°C (no derating)
Storage temperature:
-55 °C to +105 °C
Humidity:
5% to 95% (non-condensing)
MTBF:
1 Mhrs demonstrated MTBF
RoHS Compliant


Similar Part No. - ASA

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASA ABRACON-ASA Datasheet
302Kb / 1P
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
logo
Emerson Network Power
ASA EMERSON-NETWORKPOWER-ASA Datasheet
128Kb / 2P
ASA 6W Series
logo
Astec America, Inc
ASA ASTEC-ASA Datasheet
115Kb / 2P
Short circuit protection
logo
Advanced Energy Industr...
ASA ADVANCEDENERGY-ASA Datasheet
209Kb / 4P
10 Watts
logo
Polymaker Industrial
ASA POLYMAKER-ASA Datasheet
152Kb / 2P
PolyLite™ ASA
Jan. 2019 Version 4.1
More results

Similar Description - ASA

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOP605 AOSMD-AOP605_06 Datasheet
107Kb / 5P
Plastic Encapsulated Device
logo
Silonex Inc.
NSL-19M51 SILONEX-NSL-19M51 Datasheet
22Kb / 1P
Plastic Encapsulated
logo
TRANSYS Electronics Lim...
1SS370 TEL-1SS370 Datasheet
61Kb / 1P
Plastic-Encapsulated Diode
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BAS16T TEL-BAS16T Datasheet
74Kb / 2P
Plastic-Encapsulated Diodes
logo
Bourns Electronic Solut...
3-1-6WL BOURNS-3-1-6WL Datasheet
352Kb / 3P
Fully encapsulated
logo
Astec America, Inc
AEE ASTEC-AEE Datasheet
175Kb / 2P
Encapsulated
logo
TT Electronics.
HM31 TTELEC-HM31 Datasheet
1Mb / 1P
Encapsulated Encapsulated Encapsulated Current Sense Transformers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com